Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4331 Datasheet(PDF) 27 Page - Cirrus Logic

Part # CS4331
Description  8 Pin Stereo D/A Converter for Digital Audio
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4331 Datasheet(HTML) 27 Page - Cirrus Logic

Back Button CS4331 Datasheet HTML 23Page - Cirrus Logic CS4331 Datasheet HTML 24Page - Cirrus Logic CS4331 Datasheet HTML 25Page - Cirrus Logic CS4331 Datasheet HTML 26Page - Cirrus Logic CS4331 Datasheet HTML 27Page - Cirrus Logic CS4331 Datasheet HTML 28Page - Cirrus Logic CS4331 Datasheet HTML 29Page - Cirrus Logic CS4331 Datasheet HTML 30Page - Cirrus Logic CS4331 Datasheet HTML 31Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 38 page
background image
JUMPER
PURPOSE
POSITION
FUNCTION SELECTED
CSLR/FCK
selects channel for
CS8412 channel status
information
L
See CS8412 data sheet for details
R
Clock
Select
Selects source of
system clocks and data
*8412
CS8412 clock/data source
EXT
External clock/data source
J22
J23
Selects MCLK as Input
or Output
*0
*1
See
Input/Output for Clocks and
Data section of text
M0
CS8412 mode select
*Low
See CS8412 data sheet
for details
M1
*High
M2
*Low
M3
*Low
SCLK
Selects SCLK Mode
INT
Internal SCLK Mode (Note 1)
*EXT
External SCLK Mode (Note 1)
DEM_8412
Selects source of de-
emphasis control
*Low
CS8412 de-emphasis
High
De-emphasis input static high
* Default setting from factory
Note 1. The CS8412 output data format requires the CS4331 be in the External SCLK Mode
Table 3. CDB4331 Jumper Selectable Options
JUMPER
PURPOSE
POSITION
FUNCTION SELECTED
CSLR/FCK
selects channel for
CS8412 channel status
information
L
See CS8412 data sheet for details
R
Clock
Select
Selects source of
system clocks and data
*8412
CS8412 clock/data source
EXT
External clock/data source
J22
J23
Selects MCLK as Input
or Output
*0
*1
See
Input/Output for Clocks and
Data section of text
M0
CS8412 mode select
*High
See CS8412 data sheet
for details
M1
*Low
M2
*High
M3
*Low
SCLK
Selects SCLK Mode
INT
Internal SCLK Mode (Note 1)
*EXT
External SCLK Mode (Note 1)
DEM_8412
Selects source of de-
emphasis control
*Low
CS8412 de-emphasis
High
De-emphasis input static high
* Default setting from factory
Note 1. The CS8412 output data format requires the CS4333 be in the External SCLK Mode
Table 4. CDB4333 Jumper Selectable Options
CDB4330, CDB4331, CDB4333
DS136DB2
27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com