Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMP37 Datasheet (PDF) - IMP, Inc

IMP37 Datasheet PDF - IMP, Inc
Part # IMP37
Download  IMP37 Download
File Size   270.53 Kbytes
Page   6 Pages
Manufacturer  IMP [IMP, Inc]
Direct Link  http://www.ds-imp.com.cn/index.asp
Logo IMP - IMP, Inc
Description Low Dropout Positiv Voltage Regulators

IMP37 Datasheet (PDF)

Go To PDF Page Download Datasheet
IMP37 Datasheet PDF - IMP, Inc

Part # IMP37
Download  IMP37 Click to download

File Size   270.53 Kbytes
Page   6 Pages
Manufacturer  IMP [IMP, Inc]
Direct Link  http://www.ds-imp.com.cn/index.asp
Logo IMP - IMP, Inc
Description Low Dropout Positiv Voltage Regulators

IMP37 Datasheet (HTML) - IMP, Inc


IMP37 Product details

The IMP37 series of Low Dropout (LDO) three-terminal voltage regulators feature guaranteed low dropout voltages at currents up to 0.8A. The IMP37 regulator family dropout voltage is guaranteed to be 0.95V or lower at 0.8A. At 100mA, the maximum dropout voltage is 0.8V. Compared with “1117” type LDOs, the IMP37 has a 20% lower dropout voltage.

Key Features
◆ Low Dropout Voltage
    – 0.8V maximum at 100mA
    – 0.95V maximum at 800mA
    – 20% lower dropout voltage than “1117” LDO regulators
◆ Guaranteed Low Dropout Voltage at Multiple Current Levels
◆ 1% Trimmed 2.5V, 3.0V and 3.3V Outputs
◆ Reduced Quiescent Current: 75µA Maximum
◆ Short Circuit and Thermal Protection
◆ Space Saving SOT-223 Surface Mount Package
◆ “1117” Pin Compatible

Applications
◆ High-efficiency linear power supplies
◆ Post regulator for switching supplies
◆ 5V to 3.3V linear regulators
◆ USB hubs
◆ Battery chargers
◆ Routers, ISDN/DSL modems




Similar Part No. - IMP37

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
IMP34DT05 STMICROELECTRONICS-IMP34DT05 Datasheet
1Mb / 20P
MEMS audio sensor omnidirectional digital microphone for industrial applications
Rev 3 - April 2019
IMP34DT05 STMICROELECTRONICS-IMP34DT05 Datasheet
182Kb / 4P
Motion MEMS and microphone MEMS expansion board for STM32 Nucleo
11-Nov-2019
IMP34DT05TR STMICROELECTRONICS-IMP34DT05TR Datasheet
1Mb / 20P
MEMS audio sensor omnidirectional digital microphone for industrial applications
Rev 3 - April 2019
logo
IMP, Inc
IMP38C42/D IMP-IMP38C42/D Datasheet
160Kb / 10P
BiCMOS Current-Mode PWM Controllers
logo
A1 PROs co., Ltd.
IMP38C42/D A1PROS-IMP38C42/D Datasheet
165Kb / 10P
BiiCMOS Currentt--Mode BiiCMOS Currentt--Mode
08/30/00
More results


Similar Description - IMP37

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL750L TI-TL750L Datasheet
124Kb / 18P
LOW-DROPOUT VOLTAGE REGULATORS
TPS7101Q TI-TPS7101Q Datasheet
541Kb / 33P
LOW-DROPOUT VOLTAGE REGULATORS
TPS71H01Q TI-TPS71H01Q Datasheet
634Kb / 40P
LOW-DROPOUT VOLTAGE REGULATORS
logo
Microsemi Corporation
LX8382-XX MICROSEMI-LX8382-XX Datasheet
200Kb / 7P
10 A LOW DROPOUT POSITIV E REGULATORS
logo
Texas Instruments
TPS7101Q TI-TPS7101Q_07 Datasheet
829Kb / 40P
LOW-DROPOUT VOLTAGE REGULATORS
TPS7101Q TI-TPS7101Q_08 Datasheet
858Kb / 40P
LOW-DROPOUT VOLTAGE REGULATORS
TL750M TI-TL750M_08 Datasheet
812Kb / 22P
LOW-DROPOUT VOLTAGE REGULATORS
logo
IK Semicon Co., Ltd
IL2931AZ-5 IKSEMICON-IL2931AZ-5 Datasheet
120Kb / 3P
LOW DROPOUT VOLTAGE REGULATORS
logo
Texas Instruments
TL75LP05 TI1-TL75LP05 Datasheet
237Kb / 15P
LOW-DROPOUT VOLTAGE REGULATORS
TL750M05 TI-TL750M05_15 Datasheet
1Mb / 24P
LOW-DROPOUT VOLTAGE REGULATORS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com