Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMP37 Datasheet(PDF) 2 Page - IMP, Inc

Part # IMP37
Description  Low Dropout Positiv Voltage Regulators
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IMP [IMP, Inc]
Direct Link  http://www.ds-imp.com.cn/index.asp
Logo IMP - IMP, Inc

IMP37 Datasheet(HTML) 2 Page - IMP, Inc

  IMP37 Datasheet HTML 1Page - IMP, Inc IMP37 Datasheet HTML 2Page - IMP, Inc IMP37 Datasheet HTML 3Page - IMP, Inc IMP37 Datasheet HTML 4Page - IMP, Inc IMP37 Datasheet HTML 5Page - IMP, Inc IMP37 Datasheet HTML 6Page - IMP, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
408-432-9100/www.impweb.com
©
1999 IMP, Inc.
Pin Configuration
IMP3
IMP377
Pin Descriptions
IMP37
GND
INPUT
TAB IS VOUT
1
3
OUT
2
37_04.eps
Package Marking Code
Ordering Information
IMP37
37_05.eps
GND
INPUT
1
3
OUT
TAB IS VOUT
2
SOT-223
TO-263
Front View
Front View
r
e
b
m
u
N
t
r
a
Pe
g
a
k
c
a
P
e
c
i
v
e
D
g
n
i
k
r
a
M
T
S
J
5
2
-
7
3
P
M
I3
2
2
-
T
O
S5
2
7
3
T
S
J
0
3
-
7
3
P
M
I3
2
2
-
T
O
S0
3
7
3
T
S
J
3
3
-
7
3
P
M
I3
2
2
-
T
O
S3
3
7
3
M
C
J
5
2
-
7
3
P
M
I3
6
2
-
O
TM
C
J
5
2
7
3
M
C
J
0
3
-
7
3
P
M
I3
6
2
-
O
TM
C
J
0
3
7
3
M
C
J
3
3
-
7
3
P
M
I3
6
2
-
O
TM
C
J
3
3
7
3
s
p
e
.
5
0
e
l
b
a
T
_
7
3
s
n
o
i
t
p
O
t
u
p
t
u
Or
e
b
m
u
N
g
n
i
r
e
d
r
O
t
r
a
P
e
g
a
t
l
o
V
m
u
m
i
x
a
M
t
n
e
r
r
u
C
t
n
e
c
s
e
i
u
Q
t
a
e
g
a
t
l
o
V
t
u
o
p
o
r
D
A
m
0
0
8
3
2
2
-
T
O
S
e
g
a
k
c
a
P
3
6
2
-
O
T
e
g
a
k
c
a
P
V
5
.
25
7
µAV
5
9
.
0T
S
J
5
2
-
7
3
P
M
IM
C
J
5
2
-
7
3
P
M
I
V
0
.
35
7
µAV
5
9
.
0T
S
J
0
3
-
7
3
P
M
IM
C
J
0
3
-
7
3
P
M
I
V
3
.
35
7
µAV
5
9
.
0T
S
J
3
3
-
7
3
P
M
IM
C
J
3
3
-
7
3
P
M
I
s
p
e
.
6
0
t
_
7
3
Note: Tape and reel shipping is available for the SOT-223 and TO-263 packages. Append the TAPE AND REEL designation “/T” to the ordering
part number for tape and reel devices. For example, the IMP37-25JST/T is a 2.5V SOT-223 packaged device shipped in reels.
r
e
b
m
u
N
n
i
Pe
m
a
Nn
o
i
t
c
n
u
F
1D
N
Gn
i
P
d
n
u
o
r
G
2T
U
Oe
g
a
t
l
o
V
t
u
p
t
u
O
3T
U
P
N
Ie
g
a
t
l
o
V
t
u
p
n
I
B
A
TB
A
Te
g
a
t
l
o
V
t
u
p
t
u
O
s
p
e
.
3
0
e
l
b
a
T
_
7
3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com