Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMP37 Datasheet(PDF) 1 Page - IMP, Inc

Part # IMP37
Description  Low Dropout Positiv Voltage Regulators
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IMP [IMP, Inc]
Direct Link  http://www.ds-imp.com.cn/index.asp
Logo IMP - IMP, Inc

IMP37 Datasheet(HTML) 1 Page - IMP, Inc

  IMP37 Datasheet HTML 1Page - IMP, Inc IMP37 Datasheet HTML 2Page - IMP, Inc IMP37 Datasheet HTML 3Page - IMP, Inc IMP37 Datasheet HTML 4Page - IMP, Inc IMP37 Datasheet HTML 5Page - IMP, Inc IMP37 Datasheet HTML 6Page - IMP, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
©
1999 IMP, Inc.
408-432-9100/www.impweb.com
1
Key Features
Applications
x
High-efficiency linear power supplies
x
Post regulator for switching supplies
x
5V to 3.3V linear regulators
x
USB hubs
x
Battery chargers
x
Routers, ISDN/DSL modems
x
Low Dropout Voltage
– 0.8V maximum at 100mA
– 0.95V maximum at 800mA
– 20% lower dropout voltage than “1117”
LDO regulators
x
Guaranteed Low Dropout Voltage at Multiple
Current Levels
x
1% Trimmed 2.5V, 3.0V and 3.3V Outputs
x
Reduced Quiescent Current: 75µA Maximum
x
Short Circuit and Thermal Protection
x
Space Saving SOT-223 Surface Mount Package
x
“1117” Pin Compatible
Block Diagram
–
+
+
–
37_01.eps
GND
1
Ref
IMP37
Thermal
Protection
Error
Amp
Current
Limit
2
Input
3
Out
(Tab)
RCS
+
–
IMP3
IMP377
POWER MANAGEMENT
Lo
Low Dr
w Dropout P
opout Positiv
ositivee
V
Volt
oltag
age R
e Regulat
egulator
orss
– 800mA
– 800mA
– 2.5V
– 2.5V, 3.0V and 3.3V Output
, 3.0V and 3.3V Output
The IMP37 series of Low Dropout (LDO) three-terminal voltage regula-
tors feature guaranteed low dropout voltages at currents up to 0.8A. The
IMP37 regulator family dropout voltage is guaranteed to be 0.95V or
lower at 0.8A. At 100mA, the maximum dropout voltage is 0.8V.
Compared with “1117” type LDOs, the IMP37 has a 20% lower dropout
voltage.
Three fixed output voltages are offered: 2.5V, 3.0V and 3.3V. Output volt-
ages are factory trimmed to within 1% of the nominal value.
In addition to low dropout voltages, the IMP37 family features greatly
reduced quiescent operating current. The 75
µA maximum specification
represents an over 100 times improvement over competitive devices.
Devices are short circuit protected, and a thermal protection circuit shuts
the regulator off should the junction temperature exceed 165°C.
The IMP37 is available in low-profile plastic SOT-223 and TO-263
packages and are pin compatible with fixed “1117” devices.


Similar Part No. - IMP37

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
IMP34DT05 STMICROELECTRONICS-IMP34DT05 Datasheet
1Mb / 20P
MEMS audio sensor omnidirectional digital microphone for industrial applications
Rev 3 - April 2019
IMP34DT05 STMICROELECTRONICS-IMP34DT05 Datasheet
182Kb / 4P
Motion MEMS and microphone MEMS expansion board for STM32 Nucleo
11-Nov-2019
IMP34DT05TR STMICROELECTRONICS-IMP34DT05TR Datasheet
1Mb / 20P
MEMS audio sensor omnidirectional digital microphone for industrial applications
Rev 3 - April 2019
logo
IMP, Inc
IMP38C42/D IMP-IMP38C42/D Datasheet
160Kb / 10P
BiCMOS Current-Mode PWM Controllers
logo
A1 PROs co., Ltd.
IMP38C42/D A1PROS-IMP38C42/D Datasheet
165Kb / 10P
BiiCMOS Currentt--Mode BiiCMOS Currentt--Mode
08/30/00
More results

Similar Description - IMP37

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL750L TI-TL750L Datasheet
124Kb / 18P
LOW-DROPOUT VOLTAGE REGULATORS
TPS7101Q TI-TPS7101Q Datasheet
541Kb / 33P
LOW-DROPOUT VOLTAGE REGULATORS
TPS71H01Q TI-TPS71H01Q Datasheet
634Kb / 40P
LOW-DROPOUT VOLTAGE REGULATORS
logo
Microsemi Corporation
LX8382-XX MICROSEMI-LX8382-XX Datasheet
200Kb / 7P
10 A LOW DROPOUT POSITIV E REGULATORS
logo
Texas Instruments
TPS7101Q TI-TPS7101Q_07 Datasheet
829Kb / 40P
LOW-DROPOUT VOLTAGE REGULATORS
TPS7101Q TI-TPS7101Q_08 Datasheet
858Kb / 40P
LOW-DROPOUT VOLTAGE REGULATORS
TL750M TI-TL750M_08 Datasheet
812Kb / 22P
LOW-DROPOUT VOLTAGE REGULATORS
logo
IK Semicon Co., Ltd
IL2931AZ-5 IKSEMICON-IL2931AZ-5 Datasheet
120Kb / 3P
LOW DROPOUT VOLTAGE REGULATORS
logo
Texas Instruments
TL75LP05 TI1-TL75LP05 Datasheet
237Kb / 15P
LOW-DROPOUT VOLTAGE REGULATORS
TL750M05 TI-TL750M05_15 Datasheet
1Mb / 24P
LOW-DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com