Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMP37 Datasheet(PDF) 5 Page - IMP, Inc

Part # IMP37
Description  Low Dropout Positiv Voltage Regulators
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IMP [IMP, Inc]
Direct Link  http://www.ds-imp.com.cn/index.asp
Logo IMP - IMP, Inc

IMP37 Datasheet(HTML) 5 Page - IMP, Inc

  IMP37 Datasheet HTML 1Page - IMP, Inc IMP37 Datasheet HTML 2Page - IMP, Inc IMP37 Datasheet HTML 3Page - IMP, Inc IMP37 Datasheet HTML 4Page - IMP, Inc IMP37 Datasheet HTML 5Page - IMP, Inc IMP37 Datasheet HTML 6Page - IMP, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
IMP3
IMP377
©
1999 IMP, Inc.
408-432-9100/www.impweb.com
5
Package Dimensions
Plastic SOT-223 (4-Pin)
E
A
e1
A1
C
H
e
D
S
B1
B
Q2
Q1
Q
SOT-223 (4-Pin).eps
TO-263 (3-Pin)
D
L
E
e
B2
B
A
L2
C2
L1
C
0
° - 8°
TO-263 (3-Pin).eps
s
e
h
c
n
I
s
r
e
t
e
m
i
ll
i
M
n
i
M
x
a
M
n
i
M
x
a
M
*
)
n
i
P
-
4
(
3
2
2
-
T
O
S
c
i
t
s
a
l
P
A
7
6
0
.
0
0
6
0
.
0
0
7
.
1
0
5
.
1
1
A
4
0
0
.
0
8
0
0
0
.
0
0
1
.
0
2
0
.
0
B
4
2
1
.
0
6
1
1
.
0
5
1
.
3
5
9
.
2
1
B
3
3
0
.
0
6
2
0
.
0
5
8
.
0
5
6
.
0
C
4
1
0
.
0
0
1
0
.
0
5
3
.
0
5
2
.
0
D
4
6
2
.
0
8
4
2
.
0
0
7
.
6
0
3
.
6
e
M
O
N
5
0
9
0
.
0
M
O
N
0
3
.
2
1
e
M
O
N
1
8
1
.
0
M
O
N
0
5
.
4
E
6
4
1
.
0
0
3
1
.
0
0
7
.
3
0
3
.
3
h
7
8
2
.
0
4
6
2
.
0
0
3
.
7
0
7
.
6
S
1
4
0
.
0
3
3
0
.
0
5
0
.
1
5
8
.
0
t
1
5
0
.
0
3
4
0
.
0
0
3
.
1
0
1
.
1
Q
X
A
M
°
0
1
X
A
M
°
0
1
1
Q
°
6
1
°
0
1
°
6
1
°
0
1
2
Q
°
6
1
°
0
1
°
6
1
°
0
1
*
*
)
n
i
P
-
3
(
3
6
2
-
O
T
A
0
6
1
.
0
0
9
1
.
0
B
0
2
0
.
0
9
3
0
.
0
2
B
5
4
0
.
0
5
5
0
.
0
C
8
1
0
.
0
9
2
0
.
0
2
C
5
4
0
.
0
5
5
0
.
0
D
0
4
3
.
0
0
8
3
.
0
E
0
8
3
.
0
5
0
4
.
0
e
C
S
B
0
0
1
.
0
L
5
7
5
.
0
5
2
6
.
0
1
L
0
9
0
.
0
0
1
1
.
0
2
L
—
—
—
5
5
0
.
0
A
A
1
6
2
-
O
T
g
n
i
w
a
r
D
C
E
D
E
J
*
A
A
3
6
2
-
O
T
g
n
i
w
a
r
D
C
E
D
E
J
*
*
♦
.
l
e
e
R
d
n
a
e
p
a
T
r
o
f
r
e
b
m
u
N
t
r
a
P
o
t
T
/
d
d
A
s
p
e
.
4
0
e
l
b
a
T
_
7
3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com