Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMP37 Datasheet(PDF) 4 Page - IMP, Inc

Part # IMP37
Description  Low Dropout Positiv Voltage Regulators
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IMP [IMP, Inc]
Direct Link  http://www.ds-imp.com.cn/index.asp
Logo IMP - IMP, Inc

IMP37 Datasheet(HTML) 4 Page - IMP, Inc

  IMP37 Datasheet HTML 1Page - IMP, Inc IMP37 Datasheet HTML 2Page - IMP, Inc IMP37 Datasheet HTML 3Page - IMP, Inc IMP37 Datasheet HTML 4Page - IMP, Inc IMP37 Datasheet HTML 5Page - IMP, Inc IMP37 Datasheet HTML 6Page - IMP, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
408-432-9100/www.impweb.com
©
1999 IMP, Inc.
IMP3
IMP377
Application Information
The IMP37 voltage regulator ICs offer self-protection features
which include short-circuit current protection and automatic thermal
shutdown (for junction temperature above 165°C).
Circuit Stability
Like all regulators, an output filter capacitor is required for circuit sta-
bility. Besides smoothing the output, the output capacitor
“completes” the regulator’s frequency compensation. The ESR of the
output capacitor should be less than 0.5
Ω. Low ESR capacitors are
preferred.
Table 1 shows recommended minimum capacitance values for both
aluminum and tantalum capacitors. Larger values of output capaci-
tance do not cause stability problems.
Table 1. Recommended Output Bypass Capacitors
An input bypass capacitor is recommended. A 10
µF or larger tanta-
lum capacitor is suitable for most applications.
5
.
0
<
R
S
E
(
r
o
t
i
c
a
p
a
C
s
s
a
p
y
B
t
u
p
t
u
O
Ω)
0
1
µ
0
0
1
,
m
u
l
a
t
n
a
T
F
µ
m
u
n
i
m
u
l
A
F
Figure 1. Fixed 3.3V Regulator
Thermal Management
The maximum operating junction temperature for the IMP37 devices
is 150°C. The junction temperature can be calculated when the
power dissipation and ambient temperature are known with this
equation: TJ = TA + (PD x ΘJA).
The thermal resistance from juntion-to-ambient (
ΘJA) is the sum of
the three thermal resistances:
ΘJA = ΘJT + ΘTS + ΘSA
Where
ΘJT = Junction-to-Tab thermal resistance
ΘTS = Tab-to-Heat Sink thermal resistance
ΘSA = Heat Sink-to-Air thermal resistance
Table 2. Thermal Resistance of Packages
The IMP37 series devices have thermal limiting circuitry to protect
the device from over current. For continuous operation, the maxi-
mum junction temperature rating must not be exceeded.
e
p
y
T
e
g
a
k
c
a
P
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
,
b
a
T
o
t
n
o
i
t
c
n
u
J
Θ
T
J
3
2
2
-
T
O
S
5
1 °
W
/
C
3
6
2
-
O
T
0
1 °
W
/
C
IMP37
OUT
VIN
*
**
IN
3.3V
37_02.eps
GND
* Min. 15
µF Tantalum or 100µF Aluminum.
Capacitor May Be Increased Without Limit.
** 10
µF Tantalum or 100µF Aluminum
+
+



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com