Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMP37 Datasheet(PDF) 3 Page - IMP, Inc

Part # IMP37
Description  Low Dropout Positiv Voltage Regulators
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IMP [IMP, Inc]
Direct Link  http://www.ds-imp.com.cn/index.asp
Logo IMP - IMP, Inc

IMP37 Datasheet(HTML) 3 Page - IMP, Inc

  IMP37 Datasheet HTML 1Page - IMP, Inc IMP37 Datasheet HTML 2Page - IMP, Inc IMP37 Datasheet HTML 3Page - IMP, Inc IMP37 Datasheet HTML 4Page - IMP, Inc IMP37 Datasheet HTML 5Page - IMP, Inc IMP37 Datasheet HTML 6Page - IMP, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
©
1999 IMP, Inc.
408-432-9100/www.impweb.com
3
IMP3
IMP377
Absolute Maximum Ratings
Electrical Characteristics
Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . 7V
Operating Junction Temperature . . . . . . . . . 0
°C to 150°C
Storage Temperature Range . . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature (Soldering) . . . . . . . . . . . . . 300
°C for 10 seconds
These are stress ratings only and functional operation is not implied.
Exposure to absolute maximum ratings for prolonged time periods may
affect device reliability. All voltages are with respect to ground.
Specifications apply over the junction operating temperature range of TJ = 0°C to +125°C unless otherwise noted.
Notes: 1. See thermal regulation specification for changes in output voltage due to heating effects. Load regulation and line regulation
are measured with low duty cycle pulse testing to maintain a constant junction temperature.
2. Dropout voltage is specified over the full output current range. Dropout voltage is defined as the minimum input/output
differential measured at the specified output current.
3. Minimum load current is defined as the minimum output current required to maintain regulation.
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Sx
if
f
u
Ss
n
o
it
i
d
n
o
Cn
i
Mp
y
Tx
a
Ms
ti
n
U
e
g
a
t
l
o
V
t
u
p
t
u
OV
T
U
O
5
2
–I
T
U
O
V
,
A
m
0
1
=
N
I
T
,
V
5
8
.
4
=
J
5
2
=C
°5
7
4
.
25
.
25
2
5
.
2V
A
m
0
1
≤ I
T
U
O
≤ I
X
A
M
V
5
2
.
4
,
≤ V
N
I
≤
V
5
.
55
4
.
25
.
25
5
.
2
0
3
–
I
T
U
O
V
,
A
m
0
1
=
N
I
T
,
V
5
=
J
5
2
=C
°7
9
.
20
0
.
33
0
.
3
A
m
0
1
≤ I
T
U
O
≤ I
X
A
M
V
5
7
.
4
,
≤ V
N
I
≤
V
5
.
54
9
.
20
0
.
36
0
.
3
3
3
–I
T
U
O
V
,
A
m
0
1
=
N
I
T
,
V
5
=
J
5
2
=C
°7
6
2
.
30
3
.
33
3
3
.
3
A
m
0
1
≤ I
T
U
O
≤ I
X
A
M
V
5
7
.
4
,
≤ V
N
I
≤
V
5
.
55
3
2
.
30
3
.
35
6
3
.
3
n
o
i
t
a
l
u
g
e
R
e
n
i
L
)
1
e
t
o
N
(
5
2
–I
T
U
O
V
5
2
.
4
,
A
m
0
1
=
(
≤ V
N
I ) ≤
V
5
.
52
19
1
V
m
0
3
–I
T
U
O
V
5
.
4
,
A
m
0
1
=
≤ V
N
I
≤
V
5
.
52
19
1
3
3
–I
T
U
O
V
5
.
4
,
A
m
0
1
=
≤ V
N
I
≤
V
5
.
52
19
1
n
o
i
t
a
l
u
g
e
R
e
n
i
L
)
1
e
t
o
N
(
5
2
–I
T
U
O
V
5
2
.
4
,
A
m
0
1
=
(
≤ V
N
I ) ≤
T
,
V
5
.
5
A
5
2
=C
°8
.
23
.
4
V
m
0
3
–I
T
U
O
V
5
.
4
,
A
m
0
1
=
≤ V
N
I
≤
T
,
V
5
.
5
A
5
2
=C
°8
.
23
.
4
3
3
–I
T
U
O
V
5
.
4
,
A
m
0
1
=
≤ V
N
I
≤
T
,
V
5
.
5
A
5
2
=C
°8
.
23
.
4
n
o
i
t
a
l
u
g
e
R
d
a
o
L
)
1
e
t
o
N
(
5
2
–V N
I
A
m
5
,
V
5
2
.
4
=
≤ I
T
U
O
≤
A
m
0
0
85
20
3V
m
0
3
–V N
I
A
m
5
,
V
5
7
.
4
=
≤ I
T
U
O
≤
A
m
0
0
85
20
3
3
3
–V N
I
A
m
5
,
V
5
7
.
4
=
≤ I
T
U
O
≤
A
m
0
0
85
20
3
e
g
a
t
l
o
V
t
u
o
p
o
r
D
)
2
e
t
o
N
(
x
x
–
I
T
U
O
A
m
0
0
1
=8
.
0V
I
T
U
O
A
m
0
0
8
=5
9
.
0
t
i
m
i
L
t
n
e
r
r
u
CI
)
X
A
M
(
T
U
O
x
x
–TJ
5
2
=C
°0
0
80
5
90
0
2
1A
m
t
n
e
r
r
u
C
d
a
o
L
m
u
m
i
n
i
Mx
x
–
0
.
5A
m
t
n
e
r
r
u
C
t
n
e
c
s
e
i
u
QIQ
x
x
–V N
I
≤ V
66
35
7
µA
n
o
i
t
a
l
u
g
e
R
l
a
m
r
e
h
TTA
5
2
=C
°e
s
l
u
P
s
m
0
3
,1
0
.
01
.
0W
/
%
n
o
i
t
c
e
j
e
R
e
l
p
p
i
Rf
E
L
P
P
I
R
V
,
z
H
0
2
1
=
N
I
T
,
V
5
=
A
5
2
=C
°
V
E
L
P
P
I
R
I
,
p
-
p
V
1
=
D
A
O
L
A
m
0
1
=
1
54
5B
d
y
t
il
i
b
a
t
S
e
r
u
t
a
r
e
p
m
e
T
5
.
0%
y
t
il
i
b
a
t
S
m
r
e
T
g
n
o
LTA
5
2
1
=C
°s
r
H
0
0
0
1
,3
.
0%
e
s
i
o
N
t
u
p
t
u
O
S
M
RV
f
o
%
(
T
U
O
z
H
0
1
,
)
≤ f ≤
T
,
z
H
k
0
1
J
5
2
=C
°3
0
0
.
0%
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
)
3
2
2
-
O
T
(
B
A
T
t
a
e
s
a
C
-
o
t
-
n
o
i
t
c
n
u
J5
1°
W
/
C
)
3
6
2
-
O
T
(
B
A
T
t
a
e
s
a
C
-
o
t
-
n
o
i
t
c
n
u
J0
1
s
p
e
.
7
0
t
_
7
3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com