Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC3205 Datasheet (PDF) - NEC

UPC3205 Datasheet PDF - NEC
Part # UPC3205
Download  UPC3205 Download
File Size   135.98 Kbytes
Page   20 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description IQ DEMODULATOR FOR DIGITAL VIDEO/DATA RECEIVER

UPC3205 Datasheet (PDF)

Go To PDF Page Download Datasheet
UPC3205 Datasheet PDF - NEC

Part # UPC3205
Download  UPC3205 Click to download

File Size   135.98 Kbytes
Page   20 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description IQ DEMODULATOR FOR DIGITAL VIDEO/DATA RECEIVER

UPC3205 Datasheet (HTML) - NEC


UPC3205 Product details

DESCRIPTION
The µPC3205GR is Silicon monolithic IC designed for use as IQ demodulator in digital communication systems. This IC consists of AGC amplifier, dual balanced mixers (DBM), oscillator, quadrature phase shifter and I & Q output buffer amplifiers.
The package is 20-pin SSOP (shrink small outline package) suitable for high-density surface mount.

FEATURES
• On chip quadrature (90°) phase shifter
• IQ phase and amplitude balance Amplitude Balance : ±0.5 dB
                                                       Phase Balance : ±2.0 degree
• Low distortion IM3 : 56 dBc (@0.708 VP-P/tone)
• Supply Voltage VCC : 5 V
• Packaged in 20-pin SSOP suitable for high-density surface mount




Similar Part No. - UPC3205

ManufacturerPart #DatasheetDescription
logo
NEC
UPC3202 NEC-UPC3202 Datasheet
157Kb / 20P
FREQUENCY DOWN CONVERTER FOR VHF to UHF BAND TV/VCR TUNER
UPC3202GR NEC-UPC3202GR Datasheet
157Kb / 20P
FREQUENCY DOWN CONVERTER FOR VHF to UHF BAND TV/VCR TUNER
UPC3202GR-E1 NEC-UPC3202GR-E1 Datasheet
157Kb / 20P
FREQUENCY DOWN CONVERTER FOR VHF to UHF BAND TV/VCR TUNER
UPC3206GR NEC-UPC3206GR Datasheet
270Kb / 32P
50dB AGC AMP VIDEO AMP
UPC3206GR-E1 NEC-UPC3206GR-E1 Datasheet
270Kb / 32P
50dB AGC AMP VIDEO AMP
More results


Similar Description - UPC3205

ManufacturerPart #DatasheetDescription
logo
NEC
UPC2766GR NEC-UPC2766GR Datasheet
145Kb / 16P
WIDE BAND IQ DEMODULATOR FOR DIGITAL VIDEO/DATA RECEIVER
logo
Micrel Semiconductor
MICRF001 MICREL-MICRF001 Datasheet
97Kb / 8P
QwikRadiotm Receiver/Data Demodulator Advance Information
MICRF011 MICREL-MICRF011 Datasheet
147Kb / 11P
QwikRadiotm Receiver/Data Demodulator Preliminary Information
logo
Toshiba Semiconductor
TC90A60U TOSHIBA-TC90A60U Datasheet
1Mb / 33P
DATA SLICE IC FOR VIDEO MULTIPLEX BROADCAST RECEIVER
logo
NEC
UPC2766GR NEC-UPC2766GR_00 Datasheet
76Kb / 7P
WIDEBAND IQ DEMODULATOR FOR DIGITAL RECEIVERS
logo
Texas Instruments
TRF3710 TI-TRF3710 Datasheet
841Kb / 30P
IQ DEMODULATOR
TRF371125 TI-TRF371125 Datasheet
1Mb / 46P
INTEGRATED IQ DEMODULATOR
TRF371135 TI-TRF371135 Datasheet
2Mb / 54P
INTEGRATED IQ DEMODULATOR
TRF3710_15 TI-TRF3710_15_15 Datasheet
467Kb / 27P
IQ DEMODULATOR
TRF371135_15 TI-TRF371135_15_15 Datasheet
2Mb / 58P
INTEGRATED IQ DEMODULATOR
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com