Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC3205 Datasheet(PDF) 8 Page - NEC

Part # UPC3205
Description  IQ DEMODULATOR FOR DIGITAL VIDEO/DATA RECEIVER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC3205 Datasheet(HTML) 8 Page - NEC

Back Button UPC3205 Datasheet HTML 4Page - NEC UPC3205 Datasheet HTML 5Page - NEC UPC3205 Datasheet HTML 6Page - NEC UPC3205 Datasheet HTML 7Page - NEC UPC3205 Datasheet HTML 8Page - NEC UPC3205 Datasheet HTML 9Page - NEC UPC3205 Datasheet HTML 10Page - NEC UPC3205 Datasheet HTML 11Page - NEC UPC3205 Datasheet HTML 12Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Data Sheet P13541EJ3V0DS00
8
µµµµPC3205GR
−50
−40
−20
−30
−60
IQ OUTPUT POWER vs. IF INPUT POWER
IF Input Power PIF (dBm)
−80
−60
−40
−20
0
VCC = 5 V
VAGC = 0.5 V
fIF = 490 MHz
fOSC = 479.5 MHz
measurement circuit 1
1st
2nd
3rd
−50
−40
−20
−30
IQ OUTPUT POWER vs. IF INPUT POWER
IF Input Power PIF (dBm)
−80
−60
−40
−20
0
VCC = 5 V
VAGC = 2 V
fIF = 490 MHz
fOSC = 479.5 MHz
measurement circuit 1
−30
−10
−20
−40
IQ OUTPUT POWER vs. IF INPUT POWER
IF Input Power PIF (dBm)
−80
−60
−40
−20
0
−30
−20
0
−10
IQ OUTPUT POWER vs. IF INPUT POWER
IF Input Power PIF (dBm)
−80
−60
−40
−20
0
VCC = 5 V
VAGC = 2.5 V
fIF = 490 MHz
fOSC = 479.5 MHz
measurement circuit 1
VCC = 5 V
VAGC = 3 V
fIF = 490 MHz
fOSC = 479.5 MHz
measurement circuit 1
1st
2nd
3rd
1st
2nd
3rd
−20
0
−10
−30
IQ OUTPUT POWER vs. IF INPUT POWER
IF Input Power PIF (dBm)
−80
−60
−40
−20
0
01
5
234
IQ MAXIMUM OUTPUT VOLTAGE vs. AGC VOLTAGE
AGC Voltage VAGC (V)
0
0.5
1
1.5
2
2.5
3
VCC = 5 V
VAGC = 3.5 V
fIF = 490 MHz
fOSC = 479.5 MHz
measurement circuit 1
fIF = 490 MHz
fOSC = 479.5 MHz
measurement circuit 1
VCC = 4.5 V
VCC = 5 V
VCC = 5.5 V
1st
2nd
3rd
1st
2nd
3rd



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com