Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC3205 Datasheet(PDF) 1 Page - NEC

Part # UPC3205
Description  IQ DEMODULATOR FOR DIGITAL VIDEO/DATA RECEIVER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC3205 Datasheet(HTML) 1 Page - NEC

  UPC3205 Datasheet HTML 1Page - NEC UPC3205 Datasheet HTML 2Page - NEC UPC3205 Datasheet HTML 3Page - NEC UPC3205 Datasheet HTML 4Page - NEC UPC3205 Datasheet HTML 5Page - NEC UPC3205 Datasheet HTML 6Page - NEC UPC3205 Datasheet HTML 7Page - NEC UPC3205 Datasheet HTML 8Page - NEC UPC3205 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.
BIPOLAR ANALOG INTEGRATED CIRCUIT
µµµµPC3205GR
IQ DEMODULATOR FOR DIGITAL VIDEO/DATA RECEIVER
©
1998, 1999
Document No. P13541EJ3V0DS00 (3rd edition)
Date Published October 1999 N CP(K)
Printed in Japan
DATA SHEET
The mark
shows major revised points.
DESCRIPTION
The
µPC3205GR is Silicon monolithic IC designed for use as IQ demodulator in digital communication systems.
This IC consists of AGC amplifier, dual balanced mixers (DBM), oscillator, quadrature phase shifter and I & Q output
buffer amplifiers.
The package is 20-pin SSOP (shrink small outline package) suitable for high-density surface mount.
FEATURES
•
On chip quadrature (90°) phase shifter
•
IQ phase and amplitude balance
Amplitude Balance :
±0.5 dB
Phase Balance
:
±2.0 degree
•
Low distortion
IM3
:
56 dBc (@0.708 VP-P/tone)
•
Supply Voltage
VCC
:5 V
•
Packaged in 20-pin SSOP suitable for high-density surface mount
ORDERING INFORMATION
Part Number
Package
Supplying Form
µPC3205GR-E1
20-pin plastic SSOP (225 mil)
Embossed tape 12 mm wide.
Pin 1 indicates pull-out direction of tape.
Q’ty 2.5 k/reel
For evaluation sample order, please contact your local NEC office. (Part number for sample order:
µPC3205GR)
Caution electro-static sensitive device


Similar Part No. - UPC3205

ManufacturerPart #DatasheetDescription
logo
NEC
UPC3202 NEC-UPC3202 Datasheet
157Kb / 20P
FREQUENCY DOWN CONVERTER FOR VHF to UHF BAND TV/VCR TUNER
UPC3202GR NEC-UPC3202GR Datasheet
157Kb / 20P
FREQUENCY DOWN CONVERTER FOR VHF to UHF BAND TV/VCR TUNER
UPC3202GR-E1 NEC-UPC3202GR-E1 Datasheet
157Kb / 20P
FREQUENCY DOWN CONVERTER FOR VHF to UHF BAND TV/VCR TUNER
UPC3206GR NEC-UPC3206GR Datasheet
270Kb / 32P
50dB AGC AMP VIDEO AMP
UPC3206GR-E1 NEC-UPC3206GR-E1 Datasheet
270Kb / 32P
50dB AGC AMP VIDEO AMP
More results

Similar Description - UPC3205

ManufacturerPart #DatasheetDescription
logo
NEC
UPC2766GR NEC-UPC2766GR Datasheet
145Kb / 16P
WIDE BAND IQ DEMODULATOR FOR DIGITAL VIDEO/DATA RECEIVER
logo
Micrel Semiconductor
MICRF001 MICREL-MICRF001 Datasheet
97Kb / 8P
QwikRadiotm Receiver/Data Demodulator Advance Information
MICRF011 MICREL-MICRF011 Datasheet
147Kb / 11P
QwikRadiotm Receiver/Data Demodulator Preliminary Information
logo
Toshiba Semiconductor
TC90A60U TOSHIBA-TC90A60U Datasheet
1Mb / 33P
DATA SLICE IC FOR VIDEO MULTIPLEX BROADCAST RECEIVER
logo
NEC
UPC2766GR NEC-UPC2766GR_00 Datasheet
76Kb / 7P
WIDEBAND IQ DEMODULATOR FOR DIGITAL RECEIVERS
logo
Texas Instruments
TRF3710 TI-TRF3710 Datasheet
841Kb / 30P
IQ DEMODULATOR
TRF371125 TI-TRF371125 Datasheet
1Mb / 46P
INTEGRATED IQ DEMODULATOR
TRF371135 TI-TRF371135 Datasheet
2Mb / 54P
INTEGRATED IQ DEMODULATOR
TRF3710_15 TI-TRF3710_15_15 Datasheet
467Kb / 27P
IQ DEMODULATOR
TRF371135_15 TI-TRF371135_15_15 Datasheet
2Mb / 58P
INTEGRATED IQ DEMODULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com