Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC3205 Datasheet(PDF) 4 Page - NEC

Part # UPC3205
Description  IQ DEMODULATOR FOR DIGITAL VIDEO/DATA RECEIVER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC3205 Datasheet(HTML) 4 Page - NEC

  UPC3205 Datasheet HTML 1Page - NEC UPC3205 Datasheet HTML 2Page - NEC UPC3205 Datasheet HTML 3Page - NEC UPC3205 Datasheet HTML 4Page - NEC UPC3205 Datasheet HTML 5Page - NEC UPC3205 Datasheet HTML 6Page - NEC UPC3205 Datasheet HTML 7Page - NEC UPC3205 Datasheet HTML 8Page - NEC UPC3205 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Data Sheet P13541EJ3V0DS00
4
µµµµPC3205GR
Pin
No.
Pin
Name
Pin Voltage
TYP. (V)
Function and Explanation
Equivalent Circuit
11
Q OUT
2.6
Q-signal output pin.
11
REG
12
GND(PS)
0.0
Ground pin.
13
GND(PS)
0.0
Ground pin.
14
OSC-C2
3.4
Connected capacitor between 14 pin and 15
pin to oscillate with active feedback loop.
15
OSC-B1
3.0
Connected SAW resonator through
capacitor.
16
OSC-B2
3.0
Connected SAW resonator through
capacitor.
17
OSC-C1
3.4
Connected capacitor between 16 pin and 17
pin to oscillate with active feedback loop.
15
17
16
14
18
VCC(PS)
5.0
Supply voltage pin.
19
GND(PS)
0.0
Ground pin.
20
I OUT
2.6
I-signal output pin.
20
REG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com