Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC3205 Datasheet(PDF) 3 Page - NEC

Part # UPC3205
Description  IQ DEMODULATOR FOR DIGITAL VIDEO/DATA RECEIVER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC3205 Datasheet(HTML) 3 Page - NEC

  UPC3205 Datasheet HTML 1Page - NEC UPC3205 Datasheet HTML 2Page - NEC UPC3205 Datasheet HTML 3Page - NEC UPC3205 Datasheet HTML 4Page - NEC UPC3205 Datasheet HTML 5Page - NEC UPC3205 Datasheet HTML 6Page - NEC UPC3205 Datasheet HTML 7Page - NEC UPC3205 Datasheet HTML 8Page - NEC UPC3205 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Data Sheet P13541EJ3V0DS00
3
µµµµPC3205GR
PIN FUNCTIONS
Pin
No.
Pin
Name
Pin Voltage
TYP. (V)
Function and Explanation
Equivalent Circuit
1VCC(I)
5.0
Supply voltage pin.
2
GND(I)
0.0
Ground pin.
3VAGC
0 to 5
Gain control pin.
VAGC = 0 V: Full gain
VAGC = 5 V: Full reduction
3
4
GND(IF)
0.0
Ground pin.
5IF IN
2.7
6IF IN
2.7
IF input pins. In case of single input, 5 pin or
6 pin should be grounded through capacitor.
5
6
7
GND(IF)
0.0
Ground pin.
8VCC(IF)
5.0
Supply voltage pin.
9
GND (Q)
0.0
Ground pin.
10
VCC (Q)
5.0
Supply voltage pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com