Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC3205 Datasheet(PDF) 13 Page - NEC

Part # UPC3205
Description  IQ DEMODULATOR FOR DIGITAL VIDEO/DATA RECEIVER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC3205 Datasheet(HTML) 13 Page - NEC

Back Button UPC3205 Datasheet HTML 9Page - NEC UPC3205 Datasheet HTML 10Page - NEC UPC3205 Datasheet HTML 11Page - NEC UPC3205 Datasheet HTML 12Page - NEC UPC3205 Datasheet HTML 13Page - NEC UPC3205 Datasheet HTML 14Page - NEC UPC3205 Datasheet HTML 15Page - NEC UPC3205 Datasheet HTML 16Page - NEC UPC3205 Datasheet HTML 17Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Data Sheet P13541EJ3V0DS00
13
µµµµPC3205GR
MEASUREMENT CIRCUIT 1
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
LPF
MIXER
90 deg
phase
shifter
OSC
0
°
90
°
IF
Amplifier
AGC
Amplifier
LPF
VCC
VAGC
1 F
1 F
1 000 pF
1 000 pF
1 000 pF
1 pF
1 pF
100 pF
100 pF
IF 1
IF 2
IF IN
*1
50
Ω
50
Ω
1 F
1 F
1 k
Ω
Q OUT
1 k
Ω
I OUT
SAW Resonator
(MURATA:
SAR479.45MB10
×200)
*2
µ
1 F
µ
1 F
µ
µ
µ
µ
*1
In the case of measurement of IM3.
*2
• Vector Signal Analyzer or Vector Voltage Meter @measurement of IQ phase balance and IQ amplitude
balance.
• Spectrum Analyzer @measurement of bandwidth and IM3.
MEASUREMENT CIRCUIT 2
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
LPF
MIXER
90 deg
phase
shifter
OSC
0
°
90
°
IF
Amplifier
AGC
Amplifier
LPF
VCC
VAGC
1 000 pF
1 000 pF
1 000 pF
1 pF
1 pF
100 pF
100 pF
IF IN
1 k
Ω
Q OUT
1 k
Ω
I OUT
SAW Resonator
(MURATA:
SAR479.45MB10
×200)
Noise
Source
NF
Meter
LPF
LPF
1 F
µ
1 F
µ
1 F
µ
1 F
µ
1 F
µ
1 F
µ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com