Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFBA1404 Datasheet (PDF) - International Rectifier

IRFBA1404 Datasheet PDF - International Rectifier
Part # IRFBA1404
Download  IRFBA1404 Download
File Size   115.57 Kbytes
Page   9 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=40V, Rds(on)=3.7mohm, Id=206A)

IRFBA1404 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRFBA1404 Datasheet PDF - International Rectifier

Part # IRFBA1404
Download  IRFBA1404 Click to download

File Size   115.57 Kbytes
Page   9 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=40V, Rds(on)=3.7mohm, Id=206A)

IRFBA1404 Datasheet (HTML) - International Rectifier


IRFBA1404 Product details

Description

Specifically designed for Automotive applications, this Stripe Planar design of HEXFET® Power MOSFETs utilizes the latest processing techniques to achieve extremely low on-resistance per silicon area.



Benefits

Advanced Process Technology

Ultra Low On-Resistance

Increase Current Handling Capability

175°C Operating Temperature

Fast Switching

Dynamic dv/dt Rating

Repetitive Avalanche Allowed up to Tjmax




Similar Part No. - IRFBA1404

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFBA1404PPBF IRF-IRFBA1404PPBF Datasheet
148Kb / 10P
AUTOMOTIVE MOSFET HEXFET짰 Power MOSFET
IRFBA1404PPBF IRF-IRFBA1404PPBF Datasheet
205Kb / 10P
Advanced Process Technology
IRFBA1404PPBF IRF-IRFBA1404PPBF_15 Datasheet
205Kb / 10P
Advanced Process Technology
More results


Similar Description - IRFBA1404

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF1104 IRF-IRF1104 Datasheet
101Kb / 8P
Power MOSFET(Vdss=40V, Rds(on)=0.009ohm, Id=100A??
IRF1404 IRF-IRF1404 Datasheet
107Kb / 8P
Power MOSFET(Vdss=40V, Rds(on)=0.004ohm, Id=162A??
IRF1404S IRF-IRF1404S Datasheet
306Kb / 10P
Power MOSFET(Vdss=40V, Rds(on)=0.004ohm, Id=162A??
IRF1704 IRF-IRF1704 Datasheet
102Kb / 8P
Power MOSFET(Vdss=40V, Rds(on)=0.004ohm, Id=170A??
IRF7470 IRF-IRF7470 Datasheet
119Kb / 8P
Power MOSFET(Vdss=40V, Rds(on)max=13mohm, Id=10A)
IRF7471 IRF-IRF7471 Datasheet
214Kb / 8P
Power MOSFET(Vdss=40V, Rds(on)max=13mohm, Id=10A)
IRFR4104 IRF-IRFR4104 Datasheet
182Kb / 11P
Power MOSFET(Vdss=40V, Rds(on)=5.5mohm, Id=42A)
IRF1104PBF IRF-IRF1104PBF Datasheet
190Kb / 9P
HEXFET POWER MOSFET ( VDSS = 40V , RDS(on) = 0.009廓 , ID = 100A )
IRFR4104PBF IRF-IRFR4104PBF Datasheet
273Kb / 12P
HEXFET짰 Power MOSFET ( VDSS = 40V , RDS(on) = 5.5m廓 , ID = 42A )
IRL1404PBF IRF-IRL1404PBF Datasheet
133Kb / 9P
HEXFET짰 Power MOSFET ( VDSS = 40V , RDS(on) = 4.0m廓 , ID = 160A )
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com