Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFIB5N65 Datasheet (PDF) - International Rectifier

IRFIB5N65 Datasheet PDF - International Rectifier
Part # IRFIB5N65
Download  IRFIB5N65 Download
File Size   103.13 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=650V, Rds(on)max=0.93ohm, Id=5.1A)

IRFIB5N65 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRFIB5N65 Datasheet PDF - International Rectifier

Part # IRFIB5N65
Download  IRFIB5N65 Click to download

File Size   103.13 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=650V, Rds(on)max=0.93ohm, Id=5.1A)

IRFIB5N65 Datasheet (HTML) - International Rectifier




Similar Part No. - IRFIB5N65

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRFIB5N65A VISHAY-IRFIB5N65A Datasheet
150Kb / 8P
Power MOSFET
13-Apr-09
logo
Inchange Semiconductor ...
IRFIB5N65A ISC-IRFIB5N65A Datasheet
319Kb / 2P
iscN-Channel MOSFET Transistor
logo
Vishay Siliconix
IRFIB5N65A VISHAY-IRFIB5N65A Datasheet
198Kb / 10P
Power MOSFET
11-Oct-2021
logo
International Rectifier
IRFIB5N65APBF IRF-IRFIB5N65APBF Datasheet
218Kb / 8P
SMPS MOSFET
logo
Vishay Siliconix
IRFIB5N65A VISHAY-IRFIB5N65A_V01 Datasheet
198Kb / 10P
Power MOSFET
11-Oct-2021
More results


Similar Description - IRFIB5N65

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF3515S IRF-IRF3515S Datasheet
126Kb / 10P
Power MOSFET(Vdss=150V, Rds(on)max=0.045ohm, Id=41A)
IRF5801 IRF-IRF5801 Datasheet
120Kb / 8P
Power MOSFET(Vdss=200V, Rds(on)max=2.2ohm, Id=0.6A)
IRF7452 IRF-IRF7452 Datasheet
104Kb / 8P
Power MOSFET(Vdss=100V, Rds(on)max=0.060ohm, Id=4.5A)
IRF830AS IRF-IRF830AS Datasheet
155Kb / 10P
Power MOSFET(Vdss=500V, Rds(on)max=1.40ohm, Id=5.0A)
IRFB13N50A IRF-IRFB13N50A Datasheet
97Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)max=0.450ohm, Id=14A)
IRFB9N65A IRF-IRFB9N65A Datasheet
102Kb / 8P
Power MOSFET(Vdss=650V, Rds(on)max=0.93ohm, Id=8.5A)
IRFP3703 IRF-IRFP3703 Datasheet
236Kb / 8P
Power MOSFET(Vdss=30V, Rds(on)max=0.0028ohm, Id=210A??
IRFP460AS IRF-IRFP460AS Datasheet
115Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)max=0.27ohm, Id=20A)
IRFR3704 IRF-IRFR3704 Datasheet
115Kb / 9P
Power MOSFET(Vdss=20V, Rds(on)max=9.5mohm, Id=75A??
IRFR9014 IRF-IRFR9014 Datasheet
177Kb / 6P
Power MOSFET(Vdss=-60V, Rds(on)=0.50ohm, Id=-5.1A)
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com