Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFU3706 Datasheet (PDF) - International Rectifier

IRFU3706 Datasheet PDF - International Rectifier
Part # IRFU3706
Download  IRFU3706 Download
File Size   133.77 Kbytes
Page   10 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=20V, Rds(on)max=9.0mohm, Id=75A??

IRFU3706 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRFU3706 Datasheet PDF - International Rectifier

Part # IRFU3706
Download  IRFU3706 Click to download

File Size   133.77 Kbytes
Page   10 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=20V, Rds(on)max=9.0mohm, Id=75A??

IRFU3706 Datasheet (HTML) - International Rectifier


IRFU3706 Product details

Applications

• High Frequency Isolated DC-DC Converters with Synchronous Rectification for Telecom and Industrial Use

• High Frequency Buck Converters for Computer Processor Power



Benefits

• Ultra-Low Gate Impedance

• Very Low RDS(on) at 4.5V VGS

• Fully Characterized Avalanche Voltage and Current



 




Similar Part No. - IRFU3706

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
IRFU3706 KERSEMI-IRFU3706 Datasheet
3Mb / 10P
SMPS MOSFET
logo
International Rectifier
IRFU3706 IRF-IRFU3706 Datasheet
226Kb / 11P
High Frequency Isolated DC-DC
logo
Inchange Semiconductor ...
IRFU3706 ISC-IRFU3706 Datasheet
308Kb / 2P
isc N-Channel MOSFET Transistor
logo
International Rectifier
IRFU3706CPBF IRF-IRFU3706CPBF Datasheet
254Kb / 10P
SMPS MOSFET
logo
Kersemi Electronic Co.,...
IRFU3706CPBF KERSEMI-IRFU3706CPBF Datasheet
3Mb / 10P
SMPS MOSFET
More results


Similar Description - IRFU3706

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF3704 IRF-IRF3704 Datasheet
125Kb / 10P
Power MOSFET(Vdss=20V, Rds(on)max=9.0mohm, Id=77A??
IRF3706 IRF-IRF3706 Datasheet
145Kb / 11P
Power MOSFET(Vdss=20V, Rds(on)max=8.5mohm, Id=77A)
IRF3709 IRF-IRF3709 Datasheet
121Kb / 11P
Power MOSFET(Vdss=30V, Rds(on)max=9.0mohm, Id=90A??
IRF7456 IRF-IRF7456 Datasheet
165Kb / 8P
Power MOSFET(Vdss=20V, Rds(on)max=0.0065ohm, Id=16A)
IRF7457 IRF-IRF7457 Datasheet
120Kb / 8P
Power MOSFET(Vdss=20V, Rds(on)max=7.0mohm, Id=15A)
IRF7459 IRF-IRF7459 Datasheet
112Kb / 8P
Power MOSFET(Vdss=20V, Rds(on)max=9.0mohm, Id=12A)
IRFB4710 IRF-IRFB4710 Datasheet
245Kb / 11P
Power MOSFET(Vdss=100v, Rds(on)max=0.014ohm, Id=75A)
IRFP054V IRF-IRFP054V Datasheet
216Kb / 8P
Power MOSFET(Vdss=60V, Rds(on)=9.0mohm, Id=93A??
IRFR3704 IRF-IRFR3704 Datasheet
115Kb / 9P
Power MOSFET(Vdss=20V, Rds(on)max=9.5mohm, Id=75A??
IRFR3711 IRF-IRFR3711 Datasheet
239Kb / 10P
Power MOSFET(Vdss=20V, Rds(on)max=6.5mohm, Id=110A??
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com