Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5208-3.3BMM Datasheet (PDF) - Micrel Semiconductor

MIC5208-3.3BMM Datasheet PDF - Micrel Semiconductor
Part # MIC5208-3.3BMM
Download  MIC5208-3.3BMM Download
File Size   54.81 Kbytes
Page   6 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Dual 50mA LDO Voltage Regulator Preliminary Information

MIC5208-3.3BMM Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC5208-3.3BMM Datasheet PDF - Micrel Semiconductor

Part # MIC5208-3.3BMM
Download  MIC5208-3.3BMM Click to download

File Size   54.81 Kbytes
Page   6 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Dual 50mA LDO Voltage Regulator Preliminary Information

MIC5208-3.3BMM Datasheet (HTML) - Micrel Semiconductor


MIC5208-3.3BMM Product details

General Description
The MIC5208 is a dual linear voltage regulator with very low dropout voltage (typically 20mV at light loads and 250mV at 50mA), very low ground current (225µA at 10mA output), and better than 3% initial accuracy. It also features individual logic-compatible enable/shutdown control inputs.

Features
• Micrel Mini 8™ MSOP package
• Guaranteed 50mA output
• Low quiescent current
• Low dropout voltage
• Wide selection of output voltages
• Tight load and line regulation
• Low temperature coefficient
• Current and thermal limiting
• Reversed input polarity protection
• Zero off-mode current
• Logic-controlled electronic enable

Applications
• Cellular telephones
• Laptop, notebook, and palmtop computers
• Battery powered equipment
• Bar code scanners
• SMPS post regulator/dc-to-dc modules
• High-efficiency linear power supplies




Similar Part No. - MIC5208-3.3BMM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5208-3.3BMM MICREL-MIC5208-3.3BMM Datasheet
54Kb / 8P
Dual 50mA LDO Regulator
More results


Similar Description - MIC5208-3.3BMM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC29510 MICREL-MIC29510 Datasheet
81Kb / 8P
5A Fast-Response LDO Regulator Preliminary Information
MIC5202 MICREL-MIC5202 Datasheet
85Kb / 6P
Dual 100mA Low-Dropout Voltage Regulator Preliminary Information
MIC5210 MICREL-MIC5210 Datasheet
60Kb / 8P
Dual 150mA LDO Regulator Preliminary Information
MIC5211 MICREL-MIC5211 Datasheet
70Kb / 12P
Dual 關Cap 80mA LDO Regulator Preliminary Information
MIC5216 MICREL-MIC5216 Datasheet
66Kb / 12P
500mA-Peak Output LDO Regulator Preliminary Information
MIC5231 MICREL-MIC5231 Datasheet
71Kb / 8P
Micropower 關Cap LDO Regulator Preliminary Information
MIC5245 MICREL-MIC5245 Datasheet
630Kb / 12P
150mA 關Cap CMOS LDO Regulator Preliminary Information
MIC5246 MICREL-MIC5246 Datasheet
58Kb / 12P
150mA 關Cap CMOS LDO Regulator Preliminary Information
MIC5250 MICREL-MIC5250 Datasheet
168Kb / 12P
Dual 150mA 關Cap CMOS LDO Regulator Preliminary Information
MIC5208 MICREL-MIC5208_02 Datasheet
54Kb / 8P
Dual 50mA LDO Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com