Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM5838AS Datasheet (PDF) - Nippon Precision Circuits Inc

SM5838AS Datasheet PDF - Nippon Precision Circuits Inc
Part # SM5838AS
Download  SM5838AS Download
File Size   160.68 Kbytes
Page   14 Pages
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc
Description 5120 X 8-bit Synchronous FIFO

SM5838AS Datasheet (PDF)

Go To PDF Page Download Datasheet
SM5838AS Datasheet PDF - Nippon Precision Circuits Inc

Part # SM5838AS
Download  SM5838AS Click to download

File Size   160.68 Kbytes
Page   14 Pages
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc
Description 5120 X 8-bit Synchronous FIFO

SM5838AS Datasheet (HTML) - Nippon Precision Circuits Inc


SM5838AS Product details

OVERVIEW
The SM5838AS is a 5120 × 8-bit synchronous FIFO (first in, first out) high-speed line buffer. Internally, it employs static CMOS circuits which mean that it effectively has limitless data hold times. It can operate at speeds up to 33.3 MHz (normal-voltage specification).
   
FEATURES
■ 5120 × 8-bit structure
■ Variable-length delay (21 to 5120 bits)
■ 33.3 MHz high-speed operation (normal-voltage
    specification)
■ All input/outputs TTL compatible
■ Independent read enable and output enable pins,
    allowing read address pointer increment in output
    data hold and output high-impedance states
■ Supply voltage
    • 4.5 to 5.5 V (normal-voltage specification)
    • 3.0 to 4.5 V (low-voltage specification)
■ 24-pin SOP package
■ Molybdenum-gate CMOS process
■ A3-paper 1-line (16 dots/mm) compatible
   




Similar Part No. - SM5838AS

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5830P NPC-SM5830P Datasheet
228Kb / 8P
High-speed, 8-bit Variable-length Shift Register
SM5831F NPC-SM5831F Datasheet
365Kb / 13P
Digital Filter for Video Signal Processors
SM5833 NPC-SM5833 Datasheet
340Kb / 11P
High-speed, 16-bit High-speed Advanced Adder
SM5833AF NPC-SM5833AF Datasheet
340Kb / 11P
High-speed, 16-bit High-speed Advanced Adder
SM5834AG NPC-SM5834AG Datasheet
541Kb / 16P
General-purpose High-speed FIR Digital Filter
More results


Similar Description - SM5838AS

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M66250P MITSUBISHI-M66250P Datasheet
649Kb / 21P
5120 X 8-BIT LINE MEMORY(FIFO/LIFO)
M66252P MITSUBISHI-M66252P Datasheet
145Kb / 11P
1152 x 8-BIT LINE MEMORY FIFO
M66256FP MITSUBISHI-M66256FP Datasheet
148Kb / 11P
5120 x 8-BIT LINE MEMORY (FIFO)
M66257FP MITSUBISHI-M66257FP Datasheet
122Kb / 10P
5120 x 8-BIT x 2 LINE MEMORY (FIFO)
M66280FP MITSUBISHI-M66280FP Datasheet
111Kb / 12P
5120 x 8-BIT LINE MEMORY
M66281FP MITSUBISHI-M66281FP Datasheet
125Kb / 13P
5120 x 8-BIT x 2 LINE MEMORY
logo
Renesas Technology Corp
M66256FP RENESAS-M66256FP Datasheet
170Kb / 14P
5120 횞 8-Bit Line Memory (FIFO)
M66257FP RENESAS-M66257FP Datasheet
151Kb / 13P
5120 횞 8-Bit 횞 2 Line Memory (FIFO)
M66280FP RENESAS-M66280FP Datasheet
159Kb / 14P
5120 횞 8-Bit Line Memory
M66250P RENESAS-M66250P Datasheet
4Mb / 22P
5120*8-BIT LINE MEMORY(FIFO/LIFO)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com