Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM5838AS Datasheet(PDF) 5 Page - Nippon Precision Circuits Inc

Part # SM5838AS
Description  5120 X 8-bit Synchronous FIFO
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5838AS Datasheet(HTML) 5 Page - Nippon Precision Circuits Inc

  SM5838AS Datasheet HTML 1Page - Nippon Precision Circuits Inc SM5838AS Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5838AS Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5838AS Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5838AS Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5838AS Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5838AS Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5838AS Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5838AS Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
SM5838AS
NIPPON PRECISION CIRCUITS—5
Output timing
1. tZO and tOZ are measured with ±200 mV tolerance.
Parameter
Symbol
Condition
5 V supply
3 V supply
Unit
min
typ
max
min
typ
max
Access time
tA
“Load circuit 1”
–
–
20
–
–
40
ns
Output hold time
tOH
5––5––
ns
Output enable delay time1
tZO
“Load circuit 2”
5
–
27
5
–
40
ns
Output disable delay time1
tOZ
5
–
27
5
–
40
ns
Normal-voltage (5 V) specification
Low-voltage (3 V) specification
Load circuit 1
Load circuit 2
,,,,,,,
,,,,,,,
,,,,,,,
,,,,,,,
,,,,,,,
,,,,,,,
,,,,,,,
,,,,,,,
,,,,,,,
,,,,,,,
CK
t
CKW
t
CKW
t
OES
t
OES
t
CLK
DOUT
OE
Hi-Z
OH
t
OZ
t
ZO
t
A
t
A
t
RR="H" ,RE="L"
2.0V
0.8V
OEH
t
OEH
t
1.8V
1.0V
VDD
1.8k
1.1k
30pF
DOUT
VDD
1.8k
1.1k
5pF
DOUT
Ω
Ω
Ω
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com