Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM5838AS Datasheet(PDF) 2 Page - Nippon Precision Circuits Inc

Part # SM5838AS
Description  5120 X 8-bit Synchronous FIFO
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5838AS Datasheet(HTML) 2 Page - Nippon Precision Circuits Inc

  SM5838AS Datasheet HTML 1Page - Nippon Precision Circuits Inc SM5838AS Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5838AS Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5838AS Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5838AS Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5838AS Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5838AS Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5838AS Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5838AS Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
SM5838AS
NIPPON PRECISION CIRCUITS—2
BLOCK DIAGRAM
PIN DESCRIPTION
Number
Name
I/O
Function
1
DOUT0
O
Read data output bit 0
2
DOUT1
O
Read data output bit 1
3
DOUT2
O
Read data output bit 2
4
DOUT3
O
Read data output bit 3
5OE
I
Output enable input
6RR
I
Reset read input
7
VSS
Ground (0 V) pin
8RE
I
Read enable input (read address pointer)
9
DOUT4
O
Read data output bit 4
10
DOUT5
O
Read data output bit 5
11
DOUT6
O
Read data output bit 6
12
DOUT7
O
Read data output bit 7
13
DIN7
I
Write data input bit 7
14
DIN6
I
Write data input bit 6
15
DIN5
I
Write data input bit 5
16
DIN4
I
Write data input bit 4
17
CLK
I
Clock input
18
VDD
Supply pin
19
RW
I
Reset write input
20
WE
I
Write enable input (write address pointer)
21
DIN3
I
Write data input bit 3
22
DIN2
I
Write data input bit 2
23
DIN1
I
Write data input bit 1
24
DIN0
I
Write data input bit 0
DIN
WE
RW
CLK
RR
RE
OE
DOUT
32
32
8
8
8
8
SRAM
Decoder
Write address pointer
Read address pointer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com