Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM5838AS Datasheet(PDF) 8 Page - Nippon Precision Circuits Inc

Part # SM5838AS
Description  5120 X 8-bit Synchronous FIFO
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5838AS Datasheet(HTML) 8 Page - Nippon Precision Circuits Inc

Back Button SM5838AS Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5838AS Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5838AS Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5838AS Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5838AS Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5838AS Datasheet HTML 9Page - Nippon Precision Circuits Inc SM5838AS Datasheet HTML 10Page - Nippon Precision Circuits Inc SM5838AS Datasheet HTML 11Page - Nippon Precision Circuits Inc SM5838AS Datasheet HTML 12Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
SM5838AS
NIPPON PRECISION CIRCUITS—8
Output Enable
When OE is HIGH, DOUT0 to DOUT7 become high
impedance. Note that because RE operation is inde-
pendent of OE operation, the read address pointer
can be incremented even when the outputs are high
impedance.
TYPICAL APPLICATIONS
Note that at power-ON, the write address pointer and
read
address
pointer
positions
are
undefined.
Accordingly, RW and RR reset cycles are required.
1H Delay Line
A 5120-word delay line can be realized by perform-
ing simultaneous write reset and read reset at power-
ON.
An n-word delay line (21 to 5210-word) can be real-
ized using any of the following methods.
,,,,,,,
,,,,,,,
,,,,,,,
,,,,,,,
,,,,,,,
,,,,,,,
,,,,,,,
,,,,,,,
RR="H" ,RE="L"
CKW
t
OES
t
OES
t
OZ
t
ZO
t
A
t
A
t
OEH
t
OEH
t
CKW
t
CLK
DOUT
OE
Hi-Z
(n-1)
(n)
(n+3)
n cycle
n+3 cycle
n+2 cycle
n+1 cycle
1. Perform reset in sync with desired delay length.
2. Stagger RW and RR timing to desired delay
length.
3. Manipulate the write or read address pointer
using WE or RE to disable incrementing to
maintain sync with desired delay length.
1H (5120-word) delay line timing
,,,,,,,,,
,,,,,,,,,
,,,,,,,,,
,,,,,,,,,
,,,,,,,,,
,,,
,,,
,,,
,,,
,,,
,,,
,,,
,,,
,,,
,,,
,,,
,,,
,,,
,,,
,,,
,,,
,,,
,,,
,,,
,,,
,,,
,,,
,,,
,,,
,,,
,,,
,,,
,,,
,,,
,,,
,,,
,,,
,,,
,,,
,,,
,,,
,,,
,,,
,,,
,,,
,,
,,
,,
,,
,,
,,,
,,,
,,,
,,,
,,,
,,,
,,,
,,,
,,,
,,,
,,,
,,,
,,,
,,,
,,,
,,
,,
,,
,,
,,
,,,,,,,,,,,,,,,,,,,,,,,,,,,,,,,,,,,,,,,,,,,,,
,,,,,,,,,,,,,,,,,,,,,,,,,,,,,,,,,,,,,,,,,,,,,
,,,,,,,,,,,,,,,,,,,,,,,,,,,,,,,,,,,,,,,,,,,,,
,,,,,,,,,,,,,,,,,,,,,,,,,,,,,,,,,,,,,,,,,,,,,
,,,,,,,,,,,,,,,,,,,,,,,,,,,,,,,,,,,,,,,,,,,,,
RS
t
RH
t
DS
t
DH
t
A
t
OH
t
CLK
1H
WE="L" , RE="L" , OE="L"
RW
RR
DIN
DOUT
2H
0 cycle
2 cycle
1 cycle
5120+0
cycle
5119
cycle
5120+1
cycle
5120+3
cycle
5120+2
cycle
0
5119
5118
3
2
1
0
1
2
3
0
1
2
5120 cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com