Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM5838AS Datasheet(PDF) 3 Page - Nippon Precision Circuits Inc

Part # SM5838AS
Description  5120 X 8-bit Synchronous FIFO
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5838AS Datasheet(HTML) 3 Page - Nippon Precision Circuits Inc

  SM5838AS Datasheet HTML 1Page - Nippon Precision Circuits Inc SM5838AS Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5838AS Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5838AS Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5838AS Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5838AS Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5838AS Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5838AS Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5838AS Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
SM5838AS
NIPPON PRECISION CIRCUITS—3
SPECIFICATIONS
Absolute Maximum Ratings
VSS = 0 V
Recommended Operating Conditions
VSS = 0 V
DC Characteristics
Input/Outputs
Ta = 25
°C, f = 1 MHz
1. Normal-voltage specification (CLK = 33.3 MHz); Low-voltage specification (CLK = 20 MHz, VDD = 3.3 ± 0.3 V)
2. Pins CLK, RR and RE.
3. Pins DIN0 to DIN7, RW, WE and OE.
4. Pins DOUT0 to DOUT7.
Parameter
Symbol
Condition
Rating
Unit
Supply voltage range
VDD
−0.3 to 7.0
V
Input voltage range
VIN
VSS − 0.3 to VDD + 0.3
V
Storage temperature range
T stg
−40 to 125
°C
Power dissipation
PD
500
mW
Soldering temperature
Tsld
255
°C
Soldering time
tsld
10
s
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
Supply voltage range
VDD
Normal-voltage specification
4.5
5.0
5.5
V
Low-voltage specification
3.0
3.3
4.5
V
Operating temperature
Topr
−20
–
70
°C
Parameter
Symbol
Condition
5 V supply
3 V supply
Unit
min
typ
max
min
typ
max
Operating current
consumption
IDD
No output load1
–75
90–22
30
mA
Standby current
consumption
IST
––
50
––
50
µA
Input leakage current2
ILH
VIN = VDD
––1––1
µA
Input leakage current3
ILL
VIN = 0 V
––1––1
µA
Input voltage2
VIH
2.4
–
–
2.0
–
–
V
Input voltage3
VIL
–
–
0.5
–
–
0.5
V
Output high-impedance
leakage current4
IZH
OE = HIGH, VOUT = VDD
––5––5
µA
IZL
OE = HIGH, VOUT = 0 V
––5––5
Output voltage4
VOH
IOH = −1 mA
2.5
–
–
2.0
–
–
V
VOL
IOH = 2 mA
–
–
0.4
–
–
0.8
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
Input capacitance
CI
–
–
10
pF
Output capacitance
C O
–
–
10
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com