Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM5838AS Datasheet(PDF) 1 Page - Nippon Precision Circuits Inc

Part # SM5838AS
Description  5120 X 8-bit Synchronous FIFO
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5838AS Datasheet(HTML) 1 Page - Nippon Precision Circuits Inc

  SM5838AS Datasheet HTML 1Page - Nippon Precision Circuits Inc SM5838AS Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5838AS Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5838AS Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5838AS Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5838AS Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5838AS Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5838AS Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5838AS Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
SM5838AS
NIPPON PRECISION CIRCUITS—1
NIPPON PRECISION CIRCUITS INC.
5120
× 8-bit Synchronous FIFO
OVERVIEW
The SM5838AS is a 5120
× 8-bit synchronous FIFO
(first in, first out) high-speed line buffer. Internally, it
employs static CMOS circuits which mean that it
effectively has limitless data hold times. It can oper-
ate at speeds up to 33.3 MHz (normal-voltage speci-
fication).
The SM5838AS can be used to easily realize a 1-line
delay in high-speed facsimile machines and digital
copiers.
FEATURES
s
5120
× 8-bit structure
s
Variable-length delay (21 to 5120 bits)
s
33.3 MHz high-speed operation (normal-voltage
specification)
s
All input/outputs TTL compatible
s
Independent read enable and output enable pins,
allowing read address pointer increment in output
data hold and output high-impedance states
s
Supply voltage
• 4.5 to 5.5 V (normal-voltage specification)
• 3.0 to 4.5 V (low-voltage specification)
s
24-pin SOP package
s
Molybdenum-gate CMOS process
s
A3-paper 1-line (16 dots/mm) compatible
PINOUT
DIN0
DIN2
DIN3
RW
DOUT1
DIN1
1
2
3
4
5
6
718
19
20
21
22
23
24
WE
VDD
DOUT0
OE
RR
VSS
DOUT2
DOUT3
DOUT4
RE
DOUT5
DOUT6
8
9
10
11
12
DOUT7
CLK
DIN4
DIN6
13
14
15
16
17
DIN5
DIN7
(TOP VIEW)
PACKAGE DIMENSIONS
24-pin SOP (Unit: mm)
15.8TYP
0.915
1.0 0.2
0.17
+ 0.08
- 0.07
0.4
+ 0.10
- 0.05
1.27 0.1
010


Similar Part No. - SM5838AS

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5830P NPC-SM5830P Datasheet
228Kb / 8P
High-speed, 8-bit Variable-length Shift Register
SM5831F NPC-SM5831F Datasheet
365Kb / 13P
Digital Filter for Video Signal Processors
SM5833 NPC-SM5833 Datasheet
340Kb / 11P
High-speed, 16-bit High-speed Advanced Adder
SM5833AF NPC-SM5833AF Datasheet
340Kb / 11P
High-speed, 16-bit High-speed Advanced Adder
SM5834AG NPC-SM5834AG Datasheet
541Kb / 16P
General-purpose High-speed FIR Digital Filter
More results

Similar Description - SM5838AS

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M66250P MITSUBISHI-M66250P Datasheet
649Kb / 21P
5120 X 8-BIT LINE MEMORY(FIFO/LIFO)
M66252P MITSUBISHI-M66252P Datasheet
145Kb / 11P
1152 x 8-BIT LINE MEMORY FIFO
M66256FP MITSUBISHI-M66256FP Datasheet
148Kb / 11P
5120 x 8-BIT LINE MEMORY (FIFO)
M66257FP MITSUBISHI-M66257FP Datasheet
122Kb / 10P
5120 x 8-BIT x 2 LINE MEMORY (FIFO)
M66280FP MITSUBISHI-M66280FP Datasheet
111Kb / 12P
5120 x 8-BIT LINE MEMORY
M66281FP MITSUBISHI-M66281FP Datasheet
125Kb / 13P
5120 x 8-BIT x 2 LINE MEMORY
logo
Renesas Technology Corp
M66256FP RENESAS-M66256FP Datasheet
170Kb / 14P
5120 횞 8-Bit Line Memory (FIFO)
M66257FP RENESAS-M66257FP Datasheet
151Kb / 13P
5120 횞 8-Bit 횞 2 Line Memory (FIFO)
M66280FP RENESAS-M66280FP Datasheet
159Kb / 14P
5120 횞 8-Bit Line Memory
M66250P RENESAS-M66250P Datasheet
4Mb / 22P
5120*8-BIT LINE MEMORY(FIFO/LIFO)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com