Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM5844 Datasheet (PDF) - Nippon Precision Circuits Inc

SM5844 Datasheet PDF - Nippon Precision Circuits Inc
Part # SM5844
Download  SM5844 Download
File Size   280.0 Kbytes
Page   26 Pages
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc
Description Asynchronous Sample Rate Converter

SM5844 Datasheet (PDF)

Go To PDF Page Download Datasheet
SM5844 Datasheet PDF - Nippon Precision Circuits Inc

Part # SM5844
Download  SM5844 Click to download

File Size   280.0 Kbytes
Page   26 Pages
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc
Description Asynchronous Sample Rate Converter

SM5844 Datasheet (HTML) - Nippon Precision Circuits Inc


SM5844 Product details

OVERVIEW
The SM5844AF is a digital audio signal, asynchronous sample rate converter LSI. It reads 16 or 20-bit word length input data, and writes 16, 18, or 20-bit word length output data. It also features a built-in digital deemphasis filter and digital attenuator.
The SM5844AF operates from a 5 V supply, and is available in 44-pin QFPs.

FEATURES
Functions
■ Left/right-channel processing (stereo)
■ Input sample rate (fsi) ranges
    • 24 to 48 kHz (256fsi mode)
    • 27 to 55 kHz (384fsi mode)
■ Output sample rate (fso) range
    • 20 to 100 kHz
■ Sample rate conversion ratio (fso/fsi)
    • 0.5 to 2.0 times
■ Asynchronous input and output timing (clock inputs)
■ System clock inputs (input and output clocks independent)
    • 256fsi or 384fsi input system clock
    • 256fso or 384fso output system clock
■ Deemphasis filter
    • IIR-type filter
    • 44.1, 48 or 32 kHz
■ Digital attenuator
    • 11-bit data for 1025 levels
    • Smooth, incremental attenuation change
    • +12 dB gain shift function
■ Direct mute function
■ Through mode operation
    • Input to output direct
■ Output data clocks (LRCO, BCKO)
    • External input (slave mode)
    • Output system clock generated internally (master mode)
■ CMOS-level input/outputs
■ 5 V (standard) single supply
■ 44-pin QFP
■ Molybdenum-gate CMOS process

APPLICATIONS
■ Digital audio equipment, sample rate conversion (audiovisual amplifiers, CD-R, DAT, MD and 8 mm VTRs)
■ Commercial recording/editing equipment, sample rate conversion
■ Input data jitter elimination




Similar Part No. - SM5844

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5840A NPC-SM5840A Datasheet
5Mb / 28P
For Digital Audio Multi-function Digital Filter
SM5840B NPC-SM5840B Datasheet
5Mb / 28P
For Digital Audio Multi-function Digital Filter
SM5840FP NPC-SM5840FP Datasheet
1Mb / 14P
AUDIO MULTI-FUNCTION DIGITAL FILTER
SM5840FS NPC-SM5840FS Datasheet
1Mb / 14P
AUDIO MULTI-FUNCTION DIGITAL FILTER
SM5840JP NPC-SM5840JP Datasheet
549Kb / 18P
Audio Multi-function Digital Filter
More results


Similar Description - SM5844

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5849F NPC-SM5849F Datasheet
352Kb / 26P
Asynchronous Sample Rate Converter
logo
Burr-Brown (TI)
SRC4184 BURR-BROWN-SRC4184 Datasheet
508Kb / 40P
4-Channel, Asynchronous Sample Rate Converter
logo
Nippon Precision Circui...
SM5950AM NPC-SM5950AM Datasheet
346Kb / 20P
Asynchronous Sample Rate Converter
logo
Asahi Kasei Microsystem...
AK4121 AKM-AK4121 Datasheet
196Kb / 19P
ASYNCHRONOUS SAMPLE RATE CONVERTER
AK4121A AKM-AK4121A Datasheet
437Kb / 19P
Asynchronous Sample Rate Converter
AKD4121A AKM-AKD4121A_07 Datasheet
289Kb / 36P
Asynchronous Sample Rate Converter
logo
Nippon Precision Circui...
SM5849BF NPC-SM5849BF Datasheet
333Kb / 25P
Asynchronous Sample Rate Converter
SM5950BM NPC-SM5950BM Datasheet
374Kb / 22P
Asynchronous Sample Rate Converter
logo
Asahi Kasei Microsystem...
AK4121A AKM-AK4121A_10 Datasheet
374Kb / 20P
Asynchronous Sample Rate Converter
logo
Texas Instruments
SRC4194 TI1-SRC4194_08 Datasheet
666Kb / 43P
4-Channel, Asynchronous Sample Rate Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com