Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM5844 Datasheet(PDF) 1 Page - Nippon Precision Circuits Inc

Part # SM5844
Description  Asynchronous Sample Rate Converter
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5844 Datasheet(HTML) 1 Page - Nippon Precision Circuits Inc

  SM5844 Datasheet HTML 1Page - Nippon Precision Circuits Inc SM5844 Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5844 Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5844 Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5844 Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5844 Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5844 Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5844 Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5844 Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
SM5844AF
NIPPON PRECISION CIRCUITS—1
NIPPON PRECISION CIRCUITS LTD.
Asynchronous Sample Rate Converter
OVERVIEW
The
SM5844AF
is
a
digital
audio
signal,
asynchronous sample rate converter LSI. It reads 16
or 20-bit word length input data, and writes 16, 18,
or 20-bit word length output data. It also features a
built-in
digital
deemphasis
filter
and
digital
attenuator.
The SM5844AF operates from a 5 V supply, and is
available in 44-pin QFPs.
FEATURES
Functions
s
Left/right-channel processing (stereo)
s
Input sample rate (fsi) ranges
• 24 to 48 kHz (256fsi mode)
• 27 to 55 kHz (384fsi mode)
s
Output sample rate (fso) range
• 20 to 100 kHz
s
Sample rate conversion ratio (fso/fsi)
• 0.5 to 2.0 times
s
Asynchronous input and output timing (clock
inputs)
s
System clock inputs (input and output clocks
independent)
• 256fsi or 384fsi input system clock
• 256fso or 384fso output system clock
s
Deemphasis filter
• IIR-type filter
• 44.1, 48 or 32 kHz
s
Digital attenuator
• 11-bit data for 1025 levels
• Smooth, incremental attenuation change
• +12 dB gain shift function
s
Direct mute function
s
Through mode operation
• Input to output direct
s
Output data clocks (LRCO, BCKO)
• External input (slave mode)
• Output system clock generated internally
(master mode)
s
CMOS-level input/outputs
s
5 V (standard) single supply
s
44-pin QFP
s
Molybdenum-gate CMOS process
APPLICATIONS
s
Digital audio equipment, sample rate conversion
(audiovisual amplifiers, CD-R, DAT, MD and 8
mm VTRs)
s
Commercial recording/editing equipment, sample
rate conversion
s
Input data jitter elimination
PINOUT
PACKAGE DIMENSIONS
Unit: mm
44-pin QFP
DI
BCKI
LRCI
ICLK
ICKSL
IFM1
IFM2
OW20N
IISN
STATE
TST1N
TST2N
RSTN
VSS
10.00
0.80
12.80 0.30
+-
0.35 0.10
+-
+-
0.60 0.20


Similar Part No. - SM5844

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5840A NPC-SM5840A Datasheet
5Mb / 28P
For Digital Audio Multi-function Digital Filter
SM5840B NPC-SM5840B Datasheet
5Mb / 28P
For Digital Audio Multi-function Digital Filter
SM5840FP NPC-SM5840FP Datasheet
1Mb / 14P
AUDIO MULTI-FUNCTION DIGITAL FILTER
SM5840FS NPC-SM5840FS Datasheet
1Mb / 14P
AUDIO MULTI-FUNCTION DIGITAL FILTER
SM5840JP NPC-SM5840JP Datasheet
549Kb / 18P
Audio Multi-function Digital Filter
More results

Similar Description - SM5844

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5849F NPC-SM5849F Datasheet
352Kb / 26P
Asynchronous Sample Rate Converter
logo
Burr-Brown (TI)
SRC4184 BURR-BROWN-SRC4184 Datasheet
508Kb / 40P
4-Channel, Asynchronous Sample Rate Converter
logo
Nippon Precision Circui...
SM5950AM NPC-SM5950AM Datasheet
346Kb / 20P
Asynchronous Sample Rate Converter
logo
Asahi Kasei Microsystem...
AK4121 AKM-AK4121 Datasheet
196Kb / 19P
ASYNCHRONOUS SAMPLE RATE CONVERTER
AK4121A AKM-AK4121A Datasheet
437Kb / 19P
Asynchronous Sample Rate Converter
AKD4121A AKM-AKD4121A_07 Datasheet
289Kb / 36P
Asynchronous Sample Rate Converter
logo
Nippon Precision Circui...
SM5849BF NPC-SM5849BF Datasheet
333Kb / 25P
Asynchronous Sample Rate Converter
SM5950BM NPC-SM5950BM Datasheet
374Kb / 22P
Asynchronous Sample Rate Converter
logo
Asahi Kasei Microsystem...
AK4121A AKM-AK4121A_10 Datasheet
374Kb / 20P
Asynchronous Sample Rate Converter
logo
Texas Instruments
SRC4194 TI1-SRC4194_08 Datasheet
666Kb / 43P
4-Channel, Asynchronous Sample Rate Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com