Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM5844 Datasheet(PDF) 11 Page - Nippon Precision Circuits Inc

Part # SM5844
Description  Asynchronous Sample Rate Converter
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5844 Datasheet(HTML) 11 Page - Nippon Precision Circuits Inc

Back Button SM5844 Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5844 Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5844 Datasheet HTML 9Page - Nippon Precision Circuits Inc SM5844 Datasheet HTML 10Page - Nippon Precision Circuits Inc SM5844 Datasheet HTML 11Page - Nippon Precision Circuits Inc SM5844 Datasheet HTML 12Page - Nippon Precision Circuits Inc SM5844 Datasheet HTML 13Page - Nippon Precision Circuits Inc SM5844 Datasheet HTML 14Page - Nippon Precision Circuits Inc SM5844 Datasheet HTML 15Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
SM5844AF
NIPPON PRECISION CIRCUITS—11
Filter Characteristics
Anti-aliasing filter frequency characteristic
Deemphasis filter frequency characteristic
140
Frequency (fs)
0.250
0.300
0.350
0.400
0.450
0.500
0.550
0.600
0.650
120
100
80
60
40
20
0
48k
32k
44.1k
32k
48k
44.1k
Up conversion
12
10
8
6
4
2
0
Frequency (Hz)
10
20
50
100
200
500
1k
2K
5k
10k
20k
0
–20
–40
–60
48.0 kHz
44.1 kHz
32 kHz
48.0, 44.1 and 32 kHz
Phase
Attenuation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com