Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM5844 Datasheet(PDF) 2 Page - Nippon Precision Circuits Inc

Part # SM5844
Description  Asynchronous Sample Rate Converter
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5844 Datasheet(HTML) 2 Page - Nippon Precision Circuits Inc

  SM5844 Datasheet HTML 1Page - Nippon Precision Circuits Inc SM5844 Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5844 Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5844 Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5844 Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5844 Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5844 Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5844 Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5844 Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
SM5844AF
NIPPON PRECISION CIRCUITS—2
Filter Characteristics and Converter
Efficiency
s
20-bit internal data word length
s
Deemphasis filter characteristics (IIR filter)
• ±0.03 dB gain deviation from ideal filter
characteristics
s
Converter noise levels
•
≤ −110 dB internally-generated noise
•
−98 dB (16-bit output), −110 dB (18-bit output)
and
−122 dB (20-bit output) word rounding
noise
s
Anti-aliasing LPF characteristics (4 FIR filters)
with
automatic
output/input
sample
rate
conversion ratio selection
• Up converter LPF (1.0 to 2.0 times)
• Down converter LPF 1 (48.0 to 44.1 kHz or
0.92 times)
• Down converter LPF 2 (44.1 to 32.0 kHz or
0.73 times)
• Down converter LPF 3 (48.0 to 32.0 kHz or
0.67 times)
s
Output S/N ratio (theoretical values)
Interfaces
s
Input data format
• 2s-complement, L/R alternating, serial
• Normal format (non IIS)
s
Output data format
• 2s-complement, MSB first, L/R alternating,
serial
• Continuous bit clock
Output signal word
length
S/N ratio
16-bit input word
length
20-bit input word
length
16 bits
94.8 dB
97 dB
18 bits
97.5 dB
106 dB
20 bits
97.7 dB
109 dB
Mode
W ord length
Front/rear
p a cking
Data
sequence
1
16 bits
Rear
MSB first
2
20 bits
3
Front
4
Rear
LSB first
Mode
W ord length
IIS selection
Front/rear
p a cking
1
16 bits
N o r mal (non
IIS)
Rear
2
18 bits
3
20 bits
4
20 bits
Front
5
16 bits
IIS
6
18 bits
7
20 bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com