Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM5844 Datasheet(PDF) 8 Page - Nippon Precision Circuits Inc

Part # SM5844
Description  Asynchronous Sample Rate Converter
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5844 Datasheet(HTML) 8 Page - Nippon Precision Circuits Inc

Back Button SM5844 Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5844 Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5844 Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5844 Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5844 Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5844 Datasheet HTML 9Page - Nippon Precision Circuits Inc SM5844 Datasheet HTML 10Page - Nippon Precision Circuits Inc SM5844 Datasheet HTML 11Page - Nippon Precision Circuits Inc SM5844 Datasheet HTML 12Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
SM5844AF
NIPPON PRECISION CIRCUITS—8
BCKO, LRCO timing
MDT, MCK, MLEN inputs
MDT, MCK, MLEN timing
0.5VDD
LRCO
BCKO
0.5VDD
tBCWH2
tBCWL2
tBCY2
tLB2
tBL2
P arameter
Symbol
Rating
Unit
min
typ
m a x
MCK and MLEN r ise time1
1. tr and tf are the input waveform transition times measured between 0.1VDD and 0.9VDD levels.
tr
–
–
100
ns
MCK and MLEN fall time1
tf
–
–
100
ns
MDT setup time
tMDS
50
–
–
ns
MDT hold time
tMDH
50
–
–
ns
MLEN setup time
tMCS
50
–
–
ns
MLEN hold time
tMCH
50
–
–
ns
MLEN LO W -level pulsewidth
tMEWL
50
–
–
ns
MLEN HIGH-level pulsewidth
tMEWH
50
–
–
ns
MCK
MDT
MLEN
tMEWL
tMEWH
tMDS
tMDH
tMCS
tMCH
0.5VDD
0.5VDD
0.5VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com