Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM5844 Datasheet(PDF) 17 Page - Nippon Precision Circuits Inc

Part # SM5844
Description  Asynchronous Sample Rate Converter
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5844 Datasheet(HTML) 17 Page - Nippon Precision Circuits Inc

Back Button SM5844 Datasheet HTML 13Page - Nippon Precision Circuits Inc SM5844 Datasheet HTML 14Page - Nippon Precision Circuits Inc SM5844 Datasheet HTML 15Page - Nippon Precision Circuits Inc SM5844 Datasheet HTML 16Page - Nippon Precision Circuits Inc SM5844 Datasheet HTML 17Page - Nippon Precision Circuits Inc SM5844 Datasheet HTML 18Page - Nippon Precision Circuits Inc SM5844 Datasheet HTML 19Page - Nippon Precision Circuits Inc SM5844 Datasheet HTML 20Page - Nippon Precision Circuits Inc SM5844 Datasheet HTML 21Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
SM5844AF
NIPPON PRECISION CIRCUITS—17
Direct Mute (DMUTE)
Direct mute ON/OFF
Reset mute
Internal operating status (STATE)
Internally, all functions are performed using 20-bit
serial data, and the conversion rate and filter type are
automatically selected for output. Output data is in
20-bit front-packed format.
Note that when THRUN is LOW, LRCO and BCKO are not guaranteed to be synchronized to the STATE
output.
Table 6. DMUTE operation
DMUTE
Function
LO W
N o r mal data is output from the next output word (mute
OFF)
HIGH
0 data is output from the next output word (mute ON)
Table 7. RSTN mute operation
RSTN
Function
L O W
0 data is output from the next output word (mute ON)
HIGH
N o r mal data is output from the 3073rd output word
( m ute OFF)
Table 8. Bit function
Output bit position
Content
1st to 18th
(Output data cycle/input data cycle)
− 9
Ex.
1st
18th
00.1111111111110111
⇒ 1.0 times
01.1111111111110111
⇒ 2.0 times (1/2 conversion rate ratio)
00.0111111111110111
⇒ 0.5 times (2.0 conversion rate ratio)
19th
D A 1
Selected filter type
20th
D A 0
D A 1
D A 0
Filter
Mode
0
0
Up conver ter
1
1
0
44.1 to 48 kHz
2
0
1
32 to 44.1 kHz
3
1
1
32 to 48 kHz
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com