Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM5844 Datasheet(PDF) 9 Page - Nippon Precision Circuits Inc

Part # SM5844
Description  Asynchronous Sample Rate Converter
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5844 Datasheet(HTML) 9 Page - Nippon Precision Circuits Inc

Back Button SM5844 Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5844 Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5844 Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5844 Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5844 Datasheet HTML 9Page - Nippon Precision Circuits Inc SM5844 Datasheet HTML 10Page - Nippon Precision Circuits Inc SM5844 Datasheet HTML 11Page - Nippon Precision Circuits Inc SM5844 Datasheet HTML 12Page - Nippon Precision Circuits Inc SM5844 Datasheet HTML 13Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
SM5844AF
NIPPON PRECISION CIRCUITS—9
DEEM, DMUTE inputs
DOUT, BCKO, LRCO input/outputs
SLAVE = LOW (outputs), CL = 15 pF
SLAVE = HIGH (inputs), CL = 15 pF
P arameter
Symbol
Rating
Unit
min
typ
m a x
Rise time
tr
100
ns
Fall time
tf
100
ns
P arameter
Symbol
Condition
Rating
Unit
min
typ
m a x
LRCO pulse cycle
tLOCY
1/fso
ns
LRCO LO W -level pulsewidth
tLOCL
1/2fso
ns
LRCO HIGH-level pulsewidth
tLOCH
1/2fso
ns
B C K O pulse cycle
tBOCY
OCKSL = LOW
1/64fso
ns
OCKSL = HIGH
1/48fso
B C K O L OW -level pulsewidth
tBOW L
OCKSL = LOW
1/128fso
ns
OCKSL = HIGH
1/96fso
B C K O HIGH-level pulsewidth
tBOW H
OCKSL = LOW
1/128fso
ns
OCKSL = HIGH
1/96fso
OCLK to BCKO delay time
(OCKSL = LOW )
tsbH1
From OCLK fall to BCKO
rise
1 0–7 0
ns
tsbL1
From OCLK fall to BCKO
fall
1 0–7 0
ns
OCLK to BCKO delay time
(OCKSL = HIGH)
tsbH2
From OCLK fall to BCKO
rise
1 5–8 0
ns
tsbL2
From OCLK fall to BCKO
fall
1 5–8 0
ns
B C K O to DOUT and LRCO delay
time
tbdH1
From BCKO fall to DOUT
rise
0–
2 0
ns
tbdL1
From BCKO fall to DOUT
fall
0–
2 0
ns
P arameter
Symbol
Condition
Rating
Unit
min
typ
m a x
B C K O to DOUT delay time
tbdH2
From BCKO fall to DOUT
rise
10
100
ns
tbdL2
From BCKO fall to DOUT
fall
10
100
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com