Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM5844 Datasheet(PDF) 5 Page - Nippon Precision Circuits Inc

Part # SM5844
Description  Asynchronous Sample Rate Converter
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5844 Datasheet(HTML) 5 Page - Nippon Precision Circuits Inc

  SM5844 Datasheet HTML 1Page - Nippon Precision Circuits Inc SM5844 Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5844 Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5844 Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5844 Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5844 Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5844 Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5844 Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5844 Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
SM5844AF
NIPPON PRECISION CIRCUITS—5
SPECIFICATIONS
Absolute Maximum Ratings
VSS = 0 V
Recommended Operating Conditions
VSS = 0 V
30, 31
RSTN
Ip
Reset pin
32, 33
V S S
0 V ground pin
34, 35
S L AV E
Ip
B C K O and LRCO mode set. Outputs (master mode) when LOW , and inputs (slave mode) when
HIGH.
36, 37
T H R U N
Ip
DOUT through mode set. Nor mal mode when HIGH, and through mode when LOW .
3 8
OCKSL
Ip
Output system clock (OCLK) select. 384fso when HIGH, and 256fso when LOW .
3 9
OCLK
I
Output system clock input
4 0
LRCO 3
I/O
Output word clock input/output (fso). Input/output mode set by the level on SLAV E .
41, 42
B C K O
I/O
Output bit clock input/output. Input/output mode set by the level on SLAV E .
43, 44
DOUT
O
Data output
1. Pins which have the same name are connected inter nally. Accordingly, circuit connections can be made to either pin or to both pins.
2. I = input, Ip = Input with pull-up resistor (HIGH-level pins can be left open), O = output, I/O = input/output
3. fsi is the input word clock (LRCI) frequency, and fso is the output word clock (LRCO) frequency.
Number 1
Name
I/O2
Description
P arameter
Symbol
Rating
Unit
Supply voltage range
V DD
−0.3 to 7.0
V
Input voltage range
V IN
−0.3 to V
DD + 0.3
V
Storage temperature range
T stg
−40 to 125
°C
P ow er dissipation
P D
550
m W
Soldering temperature
T sld
255
°C
Soldering time
tsld
10
s
P arameter
Symbol
Rating
Unit
Supply voltage range
V DD
4.75 to 5.5
V
Operating temperature range
Topr
−20 to 70
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com