Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM5844 Datasheet(PDF) 12 Page - Nippon Precision Circuits Inc

Part # SM5844
Description  Asynchronous Sample Rate Converter
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5844 Datasheet(HTML) 12 Page - Nippon Precision Circuits Inc

Back Button SM5844 Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5844 Datasheet HTML 9Page - Nippon Precision Circuits Inc SM5844 Datasheet HTML 10Page - Nippon Precision Circuits Inc SM5844 Datasheet HTML 11Page - Nippon Precision Circuits Inc SM5844 Datasheet HTML 12Page - Nippon Precision Circuits Inc SM5844 Datasheet HTML 13Page - Nippon Precision Circuits Inc SM5844 Datasheet HTML 14Page - Nippon Precision Circuits Inc SM5844 Datasheet HTML 15Page - Nippon Precision Circuits Inc SM5844 Datasheet HTML 16Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
SM5844AF
NIPPON PRECISION CIRCUITS—12
FUNCTIONAL DESCRIPTION
Input Data Interface (DI, LRCI, BCKI, IFM1, IFM2)
Attenuator and Deemphasis Selection
The attenuator is set using the microcontroller
interface. When the attenuator is used, deemphasis
settings also need to be set using the microcontroller
interface. The microcontroller interface comprises
MDT, MCK and MLEN, and is used to receive all
input serial data.
When MCOM is HIGH, serial data received on
MDT, MCK and MLEN sets the attenuation data and
control flag data.
When MCOM is LOW, the logic levels on FSI1,
FSI2 and DEEM select the device function.
Mode
IFM1
IFM2
W ord length
Data position
Data
sequence
Common f eatures
1
L O W
L O W
16 bits
Rear packe d
MSB first
Non IIS
L/R alternating
Bit serial
2
L O W
HIGH
20 bits
3
HIGH
L O W
Front packe d
4
HIGH
HIGH
Rear packe d
LSB first
Table 1. Attenuator and deemphasis function
selection
Function
Function set method
External pins
(MCOM = LOW )
Microcontroller
interface flags
(MCOM = HIGH)
Deemphasis
ON/OFF
DEEM
FDEEM
Deemphasis
frequency (fsi)
select
FSI1, FSI2
FFSI1, FFSI2
Attenuator data set
N/A (no attenuation)
11 bits (a1 to a11)
Test mode select
Irreversible
(test mode 1)
FTST1, FTST2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com