Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM5844 Datasheet(PDF) 19 Page - Nippon Precision Circuits Inc

Part # SM5844
Description  Asynchronous Sample Rate Converter
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5844 Datasheet(HTML) 19 Page - Nippon Precision Circuits Inc

Back Button SM5844 Datasheet HTML 15Page - Nippon Precision Circuits Inc SM5844 Datasheet HTML 16Page - Nippon Precision Circuits Inc SM5844 Datasheet HTML 17Page - Nippon Precision Circuits Inc SM5844 Datasheet HTML 18Page - Nippon Precision Circuits Inc SM5844 Datasheet HTML 19Page - Nippon Precision Circuits Inc SM5844 Datasheet HTML 20Page - Nippon Precision Circuits Inc SM5844 Datasheet HTML 21Page - Nippon Precision Circuits Inc SM5844 Datasheet HTML 22Page - Nippon Precision Circuits Inc SM5844 Datasheet HTML 23Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
SM5844AF
NIPPON PRECISION CIRCUITS—19
Internal Arithmetic Timing Auto-reset
The clock on LRCI should pass through 1 cycle for
every 384 (ICKSL = HIGH) or 256 (ICKSL = LOW)
ICLK clock cycles to maintain correct internal
arithmetic sequence. If the number of ICLK cycles is
different, increases or decreases, or any jitter is
present, device operation could be affected.
There is a fixed-value tolerance within which the
internal sequence and LRCI clock timing are not
adversely affected.
Whenever the allowable tolerance is exceeded, the
internal sequence is automatically reset so that the
internal sequence matches the LRCI clock. When
this occurs, there is a possibility that click noise will
be generated.
Output Format Control (OW18N,
OW20N, IISN)
The output is in MSB-first, 2s-complement, L/R
alternating, bit serial format with a continuous bit
clock.
Output Timing Calculation
The output timing is calculated to maintain the
desired ratio between the output data cycle and the
input data cycle.
Filter Characteristic Selection
Conversion rates from 0.5 to 2.0 times are supported
using the following 4 filter types.
The ratio between the output sample rate and input
sample rate is measured automatically and the most
suitable filter type for this ratio is selected
automatically.
When the selected fs conversion ratio and the actual
sample rate conversion ratio do not coincide, the
following phenomenon are generated.
Note: An output noise may be generated if the fs conversion ratio
changes at a rate greater than 0.057%/sec.
Table 13. Clock tolerance
ICKSL
Allow a b le clock variation
HIGH (384fs mode)
+8/
−6 cycles
L O W (256fs mode)
+4/
−3 cycles
Table 14. Output format selection
Mode
Inputs
Output fo r m a t
IISN
O W20N O W18N
Word
length
IIS
selection
Front/rear
p a cking
1
HIGH
HIGH
HIGH
16 bits
Non IIS
Rear
2
HIGH
L O W
18 bits
3
L O W
HIGH
20 bits
4
L O W
L O W
20 bits
Front
5
LO W
HIGH
HIGH
16 bits
IIS
6
HIGH
L O W
18 bits
7L O W
×
20 bits
Table 15. fs ratio and filter selection
Mode
Filter
fs ratio (fso/fsi)
Selects range
1
Up conver ter
1.0 to 2.0
≥ 0.97
2
48.0 to 44.1 kHz
0.91875
0.865 to 0.97
3
44.1 to 32.0 kHz
0.72562
0.711 to 0.865
4
48.0 to 32.0 kHz
0.66667
≤ 0.711
Table 16. fs ratio mismatch
Condition
Affect
Actual sample rate conversion
ratio is low er than the selected
filter conversion ratio
The audio band high-pass
d evelops aliasing noise.
Actual sample rate conversion
ratio is higher than the selected
filter conversion ratio
The audio band high-pass is cut
off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com