Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMUX7000 Datasheet (PDF) - STMicroelectronics

STMUX7000 Datasheet PDF - STMicroelectronics
Part # STMUX7000
Download  STMUX7000 Download
File Size   321.08 Kbytes
Page   20 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 7-channel MUX/DEMUX for analog video signal

STMUX7000 Datasheet (PDF)

Go To PDF Page Download Datasheet
STMUX7000 Datasheet PDF - STMicroelectronics

Part # STMUX7000
Download  STMUX7000 Click to download

File Size   321.08 Kbytes
Page   20 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 7-channel MUX/DEMUX for analog video signal

STMUX7000 Datasheet (HTML) - STMicroelectronics


STMUX7000 Product details

Description
The STMUX7000 is a 7-channel multiplexer/demultiplexer low RON bidirectional designed for analog video signal, such as VGA. It is designed for very low crosstalk, and high bandwidth to maintain high signal integrity. The analog video signal multiplexed from one of two selected sources in the notebook and docking station while the unselected switch goes to Hi-Z status. The device is also protected against high ESD that supports up to 8 kV contact on all I/O pins. The device can be put into low power mode consuming minimum power. QFN32 (3 x 6 mm)

Features
■ Low RON: 4.0 Ω typical
■ VCC operating range: 3.0 to 3.6 V
■ Enhanced ESD protection: > 8 kV (contact) and 8 kV (HBM)
■ Channel on capacitance: 7.8 pF typical
■ Designed for VGA signal switching
■ Integrated switches for RGB, HSYNC, VSYNC and DDC signals
■ Very low crosstalk: -45 dB at 250 MHz
■ > 1000 MHz -3 dB typical bandwidth (or data frequency)
■ Low power mode for minimum power consumption

Applications
■ Audio/video switching




Similar Part No. - STMUX7000

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STMUX1000L STMICROELECTRONICS-STMUX1000L Datasheet
503Kb / 9P
GIGABIT LAN ANALOG SWITCH 16-BIT TO 8-BIT MULTIPLEXER
03-May-2005
STMUX1000LQTR STMICROELECTRONICS-STMUX1000LQTR Datasheet
503Kb / 9P
GIGABIT LAN ANALOG SWITCH 16-BIT TO 8-BIT MULTIPLEXER
03-May-2005
STMUX1800E STMICROELECTRONICS-STMUX1800E Datasheet
322Kb / 26P
16-bit to 8-bit MUX/DEMUX for gigabit Ethernet LAN switch with LED switch and enhanced ESD protection
09-Nov-2011
STMUX1800EQTR STMICROELECTRONICS-STMUX1800EQTR Datasheet
322Kb / 26P
16-bit to 8-bit MUX/DEMUX for gigabit Ethernet LAN switch with LED switch and enhanced ESD protection
09-Nov-2011
STMUX1800L STMICROELECTRONICS-STMUX1800L Datasheet
509Kb / 21P
16- to 8-bit MUX/DEMUX for gigabit Ethernet LAN switch with LED switch and enhanced ESD protection
22-Jun-2009
More results


Similar Description - STMUX7000

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5V330 PERICOM-PI5V330 Datasheet
426Kb / 9P
Low On-Resistance Wideband/Video Quad 2-Channel Mux/DeMux
logo
Integrated Device Techn...
IDTQS4A205 IDT-IDTQS4A205 Datasheet
88Kb / 7P
HIGH-PERFORMANCE CMOS ANALOG FOUR-CHANNEL SPDT MUX/DEMUX
logo
ON Semiconductor
NLAS1053 ONSEMI-NLAS1053 Datasheet
123Kb / 12P
2:1 Mux/Demux Analog Switches
February, 2002 ??Rev. 0
NLAS1053 ONSEMI-NLAS1053_06 Datasheet
121Kb / 10P
2:1 Mux/Demux Analog Switches
May, 2006 ??Rev. 2
logo
Unisonic Technologies
US5V330 UTC-US5V330_15 Datasheet
170Kb / 6P
WIDEBAND/VIDEO QUAD 2-CHANNEL MUX/DEMUX
logo
ON Semiconductor
NLAS3257 ONSEMI-NLAS3257 Datasheet
73Kb / 7P
Mux / Demux Analog Switch
December, 2015 ??Rev. 1
NLAS1053 ONSEMI-NLAS1053_15 Datasheet
113Kb / 10P
2:1 Mux/Demux Analog Switches
July, 2015 ??Rev. 3
logo
Integrated Device Techn...
IDTQS4A205 IDT-IDTQS4A205_14 Datasheet
264Kb / 7P
HIGH-PERFORMANCE CMOS ANALOG FOUR-CHANNEL SPDT MUX/DEMUX
logo
Diodes Incorporated
PI5V330S DIODES-PI5V330S Datasheet
789Kb / 8P
Low On-Resistance Wideband/Video Quad 2-Channel Mux/DeMux
12/12/12
logo
ON Semiconductor
NLAS3257A ONSEMI-NLAS3257A Datasheet
190Kb / 8P
Mux / Demux Analog Switch
December, 2018- Rev. 1
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com