Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMUX7000 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STMUX7000
Description  7-channel MUX/DEMUX for analog video signal
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMUX7000 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STMUX7000 Datasheet HTML 3Page - STMicroelectronics STMUX7000 Datasheet HTML 4Page - STMicroelectronics STMUX7000 Datasheet HTML 5Page - STMicroelectronics STMUX7000 Datasheet HTML 6Page - STMicroelectronics STMUX7000 Datasheet HTML 7Page - STMicroelectronics STMUX7000 Datasheet HTML 8Page - STMicroelectronics STMUX7000 Datasheet HTML 9Page - STMicroelectronics STMUX7000 Datasheet HTML 10Page - STMicroelectronics STMUX7000 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
STMUX7000
Electrical characteristics
Doc ID 17177 Rev 3
7/20
3
Electrical characteristics
Table 7.
DC electrical characteristics (VCC = 3.3 V ±10%)
Symbol
Parameter
Test condition
Value
Unit
-40 to 85 °C
Min
Typ
Max
VIH
Voltage input high
(SEL, LP)
High level guaranteed
2
-
-
V
VIL
Voltage input low
(SEL, LP)
Low level guaranteed
-0.5
-
0.8
V
VIK
Clamp diode voltage
(SEL, LP)
VCC = 3.6 V
IIN = -18 mA
-
-0.8
-1.2
V
IIH
Input high current
(SEL, LP)
VCC = 3.6 V
VIN = VCC
--
±5
µA
IIL
Input low current
(SEL, LP)
VCC = 3.6 V
VIN = GND
--
±5
µA
IOFF(SW)
(1)
Leakage current through
the switch common
terminals (A to H)
(LED1 to LED3)
VCC = 3.6 V
A to H = VCC
LED1 to LED3 = VCC
A0 to H0 = 0 V
A1 to H1 = floating
LEDx_0 = 0 V
LEDx1 = floating
SEL = VCC
--
±1
µA
IOFF(SEL,
LP)
SEL, LP pin leakage
current
VCC = 0 V
SEL = 0 to 3.6 V
--
±1
µA
RON
Switch ON resistance(2)
VCC = 3.0 V
VIN = 0 to 1.2 V
IIN = -40 mA
-4.0
6.5
Ω
RFLAT
ON resistance flatness (2)
(3)
VCC = 3.0 V
VIN at 0 and 1.2V
IIN = -40 mA
-0.5
-
Ω
ΔR
ON
ON resistance match
between channel
ΔR
ON = RONMAX-RONMIN
(2)(4)
VCC = 3.0 V
VIN = 0 to 1.2 V
IIN = -40 mA
-0.4
1
Ω
1.
Refer to Figure 4: Test circuit for leakage current (IOFF) on page 10
2.
Measured by voltage drop between channels at indicated current through the switch. ON resistance is determined by the
lower of the voltages.
3.
Flatness is defined as the difference between the RONMAX and RONMIN of ON resistance over the specified range.
4.
ΔR
ON measured at same VCC, temperature and voltage level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com