Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMUX7000 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STMUX7000
Description  7-channel MUX/DEMUX for analog video signal
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMUX7000 Datasheet(HTML) 4 Page - STMicroelectronics

  STMUX7000 Datasheet HTML 1Page - STMicroelectronics STMUX7000 Datasheet HTML 2Page - STMicroelectronics STMUX7000 Datasheet HTML 3Page - STMicroelectronics STMUX7000 Datasheet HTML 4Page - STMicroelectronics STMUX7000 Datasheet HTML 5Page - STMicroelectronics STMUX7000 Datasheet HTML 6Page - STMicroelectronics STMUX7000 Datasheet HTML 7Page - STMicroelectronics STMUX7000 Datasheet HTML 8Page - STMicroelectronics STMUX7000 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Pin description
STMUX7000
4/20
Doc ID 17177 Rev 3
Figure 2.
Input equivalent circuit
Table 3.
Bit 0, 1, 2, 3, 4 switch function table
LP
SEL 1
Function
L
L
Bit 0, 1, 2, 3, 4 multiplexed to bus 1, bus 2 in Hi-Z
L
H
Bit 0, 1, 2, 3, 4 multiplexed to bus 2, bus 1 in Hi-Z
H
X
Bus 1 and 2 in Hi-Z
Table 4.
Bit 5, 6 switch function table
LP
SEL 2
Function
L
L
Bit 5,6 multiplexed to bus 1, bus 2 in Hi-Z
A0
A1
A2
A3
A4
SEL1
A5
A6
SEL2
0B1
1B1
2B1
3B1
4B1
0B2
1B2
2B2
3B2
4B2
5B1
6B1
5B2
6B2
LP
Low Power
Management
AM08684V1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com