Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMUX7000 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STMUX7000
Description  7-channel MUX/DEMUX for analog video signal
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMUX7000 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STMUX7000 Datasheet HTML 6Page - STMicroelectronics STMUX7000 Datasheet HTML 7Page - STMicroelectronics STMUX7000 Datasheet HTML 8Page - STMicroelectronics STMUX7000 Datasheet HTML 9Page - STMicroelectronics STMUX7000 Datasheet HTML 10Page - STMicroelectronics STMUX7000 Datasheet HTML 11Page - STMicroelectronics STMUX7000 Datasheet HTML 12Page - STMicroelectronics STMUX7000 Datasheet HTML 13Page - STMicroelectronics STMUX7000 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Electrical characteristics
STMUX7000
10/20
Doc ID 17177 Rev 3
Figure 3.
Diagram for suggested VDD decoupling
1.
Applicable for system level ESD test
Figure 4.
Test circuit for leakage current (IOFF)
3
4
11
VDD
GND
16
23
DUT
28
29
31
32
VDD
Note: 100nF Capacitors must be used as local bypass capacitors between the adjacent VDD and GND pairs (total 7)
C=2uF or
4.7uF
GND
IOFF(SW)
SEL
VDD
GND
3.6 V
3.6 V
3.6 V
FLOAT
, LP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com