Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMUX7000 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STMUX7000
Description  7-channel MUX/DEMUX for analog video signal
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMUX7000 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STMUX7000 Datasheet HTML 2Page - STMicroelectronics STMUX7000 Datasheet HTML 3Page - STMicroelectronics STMUX7000 Datasheet HTML 4Page - STMicroelectronics STMUX7000 Datasheet HTML 5Page - STMicroelectronics STMUX7000 Datasheet HTML 6Page - STMicroelectronics STMUX7000 Datasheet HTML 7Page - STMicroelectronics STMUX7000 Datasheet HTML 8Page - STMicroelectronics STMUX7000 Datasheet HTML 9Page - STMicroelectronics STMUX7000 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Maximum rating
STMUX7000
6/20
Doc ID 17177 Rev 3
2
Maximum rating
Stressing the device above the rating listed in the “absolute maximum ratings” table may
cause permanent damage to the device. These are stress ratings only and operation of the
device at these or any other conditions above those indicated in the operating sections of
this specification is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect device reliability.
2.1
Recommended operating conditions
Table 5.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
Supply voltage to ground
-0.5 to 4.6
V
VIO
DC input output voltage
-0.5 to 4.6
V
VIC
DC control input voltage
-0.5 to 4.6
V
IO
DC output current(1)
1.
If VIO x IO does not exceed the maximum limit of PD.
120
mA
PD
Power dissipation
0.5
W
Tstg
Storage temperature
-65 to 150
°C
TL
Lead temperature (10 sec)
300
°C
Table 6.
Recommended operating conditions
Symbol
Parameter
Value
Unit
Min
Typ
Max
VCC
Supply voltage to ground
3
-
3.6
V
VIC
DC control input voltage (SEL, LP)
0
-
5
V
VIO
DC input/output voltage
0
-
VCC
V
TA
Operating temperature
-40
-
85
° C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com