Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMUX7000 Datasheet(PDF) 16 Page - STMicroelectronics

Part # STMUX7000
Description  7-channel MUX/DEMUX for analog video signal
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMUX7000 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STMUX7000 Datasheet HTML 12Page - STMicroelectronics STMUX7000 Datasheet HTML 13Page - STMicroelectronics STMUX7000 Datasheet HTML 14Page - STMicroelectronics STMUX7000 Datasheet HTML 15Page - STMicroelectronics STMUX7000 Datasheet HTML 16Page - STMicroelectronics STMUX7000 Datasheet HTML 17Page - STMicroelectronics STMUX7000 Datasheet HTML 18Page - STMicroelectronics STMUX7000 Datasheet HTML 19Page - STMicroelectronics STMUX7000 Datasheet HTML 20Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
Package mechanical data
STMUX7000
16/20
Doc ID 17177 Rev 3
Table 13.
Mechanical data for QFN32L (3 x 6 x 0.8 mm) - pitch 0.4 mm
Symbol
Millimeters
Min
Typ
Max
A
0.70
0.80
0.90
A1
0.00
0.05
0.08
A3
0.25
T
0.00
12.00
b
0.15
0.20
0.25
e0.40
e1
4.00
K0.75
D3.00
E6.00
L
0.25
0.30
0.35
D2
1.50
1.60
1.79
E2
3.80
3.90
4.00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com