Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IX3120GS Datasheet (PDF) - IXYS Corporation

IX3120GS Datasheet PDF - IXYS Corporation
Part # IX3120GS
Download  IX3120GS Download
File Size   263.71 Kbytes
Page   12 Pages
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation
Description 2.5A Maximum Peak Output Current

IX3120GS Datasheet (PDF)

Go To PDF Page Download Datasheet
IX3120GS Datasheet PDF - IXYS Corporation

Part # IX3120GS
Download  IX3120GS Click to download

File Size   263.71 Kbytes
Page   12 Pages
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation
Description 2.5A Maximum Peak Output Current

IX3120GS Datasheet (HTML) - IXYS Corporation




Similar Part No. - IX3120GS

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
IX3120GS CLARE-IX3120GS Datasheet
1Mb / 11P
2.5A Output Current Gate Driver Optocoupler
IX3120GSTR CLARE-IX3120GSTR Datasheet
1Mb / 11P
2.5A Output Current Gate Driver Optocoupler
More results


Similar Description - IX3120GS

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
MIC4421A MIC-MIC4421A_11 Datasheet
399Kb / 13P
High peak-output current: 9A Peak (typ.)
logo
Advanced Monolithic Sys...
AMS1073 AMS-AMS1073 Datasheet
498Kb / 6P
1.2A Peak Output Current
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-315J-500E AVAGO-HCPL-315J-500E Datasheet
242Kb / 21P
0.6A maximum peak output current 0.5 A minimum peak output current
logo
IXYS Corporation
IX3180 IXYS-IX3180 Datasheet
254Kb / 11P
2.5A Maximum Peak Output Current
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-352J AVAGO-ACPL-352J Datasheet
1Mb / 26P
5.0 A maximum peak output current
ACPL-36JV-000E AVAGO-ACPL-36JV-000E Datasheet
623Kb / 33P
2.5 A maximum peak output current
ACPL-38JT AVAGO-ACPL-38JT Datasheet
561Kb / 33P
2.5 A maximum peak output current
logo
Broadcom Corporation.
ACPL-335J BOARDCOM-ACPL-335J Datasheet
1Mb / 20P
Peak output current: 2.5 A maximum
ACPL-P345 BOARDCOM-ACPL-P345 Datasheet
1Mb / 17P
1.0A maximum peak output current
ACPL-P340 BOARDCOM-ACPL-P340 Datasheet
777Kb / 19P
1.0A maximum peak output current
More results




About IXYS Corporation


IXYS Corporation is a technology company that specializes in the design, manufacture, and sale of power semiconductors and integrated circuits (ICs). The company was founded in 1983 and is headquartered in Milpitas, California. IXYS has a global presence, with operations and customers in over 60 countries around the world.

IXYS provides a wide range of products and solutions, including power MOSFETs, power bipolar transistors, thyristors, diodes, and ICs for power management and control applications. The company's products are used in a variety of applications, including renewable energy, industrial, automotive, and consumer electronics.

IXYS is known for its expertise in power semiconductor technology and its ability to provide high-performance and cost-effective solutions to its customers. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the power semiconductor market. IXYS is a recognized leader in the power semiconductor market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com