Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IX3120GS Datasheet(PDF) 6 Page - IXYS Corporation

Part # IX3120GS
Description  2.5A Maximum Peak Output Current
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IX3120GS Datasheet(HTML) 6 Page - IXYS Corporation

Back Button IX3120GS Datasheet HTML 2Page - IXYS Corporation IX3120GS Datasheet HTML 3Page - IXYS Corporation IX3120GS Datasheet HTML 4Page - IXYS Corporation IX3120GS Datasheet HTML 5Page - IXYS Corporation IX3120GS Datasheet HTML 6Page - IXYS Corporation IX3120GS Datasheet HTML 7Page - IXYS Corporation IX3120GS Datasheet HTML 8Page - IXYS Corporation IX3120GS Datasheet HTML 9Page - IXYS Corporation IX3120GS Datasheet HTML 10Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
INTEGRATED CIRCUITS DIVISION
6
www.ixysic.com
R04
IX3120
1.7 Safety and Insulation Ratings
As per IEC 60747-5-5.
Parameter
Conditions
Symbol
Rating
Units
Minimum External Air Gap (Clearance)
Measured from input terminals to output
terminals, shortest distance through air.
L(101)
7.62
mm
Minimum External Tracking (Creepage)
Measured from input terminals to output
terminals, shortest distance path along
body.
L(102)
7.50
mm
Distance Through Insulation
(Internal Clearance)
Insulation thickness between emitter and
detector
-0.48
mm
Tracking Resistance
(Comparative Tracking Index)
DIN IEC 60112/VDE 0303 Part 1
CTI
>175
V
Isolation Group
DIN VDE 0110, 1/89, Table 1
Material Group
-IIIa
-
Installation classification
DIN VDE 0110/1.89, Table 1
Rated mains voltage < 300Vrms
-I-IV
-
DIN VDE 0110/1.89, Table 1
Rated mains voltage < 1000Vrms
-
I-III
-
Climatic Classification
-
-
55/100/21
-
Input to Output Test Voltage
IEC EN 60747-5-5 Method b,
VIORM x 1.875 = VPR, 100% Production Test
with tm = 1 sec., Partial Discharge < 5pC
VPR
3750
VPEAK
IEC EN 60747-5-5 Method a,
VIORM x 1.6 = VPR, Type and Sample Test
with tm = 10 sec., Partial Discharge < 5pC
3200
Insulation Resistance
TS, VIO = 500VDC
RS
109
Pollution Degree
DIN VDE 0109
-
2
-
Highest Allowable Over-Voltage
Transient Over-Voltage
VIOTM
6000
VP
Maximum Working Insulation Voltage
Recurring Voltage
VIORM
2000
VP
Partial Discharge Test Voltage
DIN EN 60747-5-5 Method B
VPR
3750
VP
Isolation Test Voltage
-
VISO
3750
Vrms
Input-Output Momentary Withstand
Voltage
RH < 50%, t = 1 min,
TA = 25°C
VISO
3750
Vrms
Resistance (Input-Output), Typical
VI-O = 500VDC
RI-O
1012
Capacitance (Input-Output), Typical
f = 1 MHz
CI-O
0.6
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com