Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IX3120GS Datasheet(PDF) 12 Page - IXYS Corporation

Part # IX3120GS
Description  2.5A Maximum Peak Output Current
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IX3120GS Datasheet(HTML) 12 Page - IXYS Corporation

Back Button IX3120GS Datasheet HTML 4Page - IXYS Corporation IX3120GS Datasheet HTML 5Page - IXYS Corporation IX3120GS Datasheet HTML 6Page - IXYS Corporation IX3120GS Datasheet HTML 7Page - IXYS Corporation IX3120GS Datasheet HTML 8Page - IXYS Corporation IX3120GS Datasheet HTML 9Page - IXYS Corporation IX3120GS Datasheet HTML 10Page - IXYS Corporation IX3120GS Datasheet HTML 11Page - IXYS Corporation IX3120GS Datasheet HTML 12Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
INTEGRATED CIRCUITS DIVISION
12
www.ixysic.com
R04
IX3120
4.5.3 IX3120GSTR & IX3120GESTR Tape & Reel
4.6 Device Branding
Dimensions
mm
(inches)
User Direction of Feed
NOTES:
1. Dimensions carry tolerances of EIA Standard 481-2
2. Tape complies with all “Notes” for constant dimensions listed on page 5 of EIA-481-2
Embossment
Embossed Carrier
Top Cover
Tape Thickness
0.102 MAX.
(0.004 MAX.)
330.2 DIA.
(13.00 DIA.)
K
1 =4.20
(0.165)
0
K =4.90
(0.193)
P=12.00
(0.472)
W=16.00
(0.63)
Bo=10.30
(0.406)
Ao=10.30
(0.406)
IX3120G
YYWW@KKKKK
IX3120GE
YYWW@KKKKK
IX3120G
IX3120GS
IX3120GE
IX3120GES
*YYWW@KKKKK
YYWW = date code (year/year/week/week)
@KKKKK = sequentially assigned kit code with assembly location identifier
**
For additional information please visit our website at: www.ixysic.com
IXYS Integrated Circuits Division makes no representations or warranties with respect to the accuracy or completeness of the contents of this publication and reserves the right to make
changes to specifications and product descriptions at any time without notice. Neither circuit patent licenses nor indemnity are expressed or implied. Except as set forth in IXYS Integrated
Circuits Division’s Standard Terms and Conditions of Sale, IXYS Integrated Circuits Division assumes no liability whatsoever, and disclaims any express or implied warranty, relating to its
products including, but not limited to, the implied warranty of merchantability, fitness for a particular purpose, or infringement of any intellectual property right.
The products described in this document are not designed, intended, authorized or warranted for use as components in systems intended for surgical implant into the body, or in other
applications intended to support or sustain life, or where malfunction of IXYS Integrated Circuits Division’s product may result in direct physical harm, injury, or death to a person or severe
property or environmental damage. IXYS Integrated Circuits Division reserves the right to discontinue or make changes to its products at any time without notice.
Specification: DS-IX3120-R04
©Copyright 2014, IXYS Integrated Circuits Division
All rights reserved. Printed in USA.
9/26/2014



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com