Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IX3120GS Datasheet(PDF) 3 Page - IXYS Corporation

Part # IX3120GS
Description  2.5A Maximum Peak Output Current
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IX3120GS Datasheet(HTML) 3 Page - IXYS Corporation

  IX3120GS Datasheet HTML 1Page - IXYS Corporation IX3120GS Datasheet HTML 2Page - IXYS Corporation IX3120GS Datasheet HTML 3Page - IXYS Corporation IX3120GS Datasheet HTML 4Page - IXYS Corporation IX3120GS Datasheet HTML 5Page - IXYS Corporation IX3120GS Datasheet HTML 6Page - IXYS Corporation IX3120GS Datasheet HTML 7Page - IXYS Corporation IX3120GS Datasheet HTML 8Page - IXYS Corporation IX3120GS Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
INTEGRATED CIRCUITS DIVISION
IX3120
R04
www.ixysic.com
3
1. Specifications
1.1 Package Pinout
1.2 Pin Description
1.3 Absolute Maximum Ratings
Absolute maximum ratings are at 25°C.
Notes:
1 Maximum pulse width=10
s, maximum duty cycle=0.2%.
2 Derate linearly 1.33mW/°C
3 Derate linearly 7.5mW/°C
Absolute maximum ratings are stress ratings. Stresses in
excess of these ratings can cause permanent damage to
the device. Functional operation of the device at conditions
beyond those indicated in the operational sections of this
data sheet is not implied.
2
3
8
5
6
7
ANODE
CATHODE
V
CC
V
O
V
EE
N/C
N/C
1
4
V
O
Pin#
Name
Description
1
N/C
No connection
2
ANODE
Anode of input LED
3
CATHODE
Cathode of input LED
4
N/C
No connection
5
VEE
Negative Supply Voltage
6
VO
Gate Drive Output
7
VO
Gate Drive Output
8
VCC
Positive Supply Voltage
Parameter
Symbol
Limit
Units
Supply Voltage
VCC - VEE
0 to 35
V
Output Voltage
VO(PEAK)
0 to VCC
V
“High” Peak Output Current 1
IOH(PEAK)
- 2.5
A
“Low” Peak Output Current 1
IOL(PEAK)
2.5
A
Reverse Input Voltage
VR
5V
Average Input Current
IF(AVG)
20
mA
Peak Transient Input Current
(<1
s pulse width, 300pps)
IF(TRAN)
1A
Input Power Dissipation 2
PIN
50
mW
Total Power Dissipation 3
PT
800
mW
Isolation Voltage, Input to Output
VIO
3750
Vrms
Operating Temperature
TA
-40 to +100
°C
Storage Temperature
TSTG
-55 to +125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com