Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IX3120GS Datasheet(PDF) 1 Page - IXYS Corporation

Part # IX3120GS
Description  2.5A Maximum Peak Output Current
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IX3120GS Datasheet(HTML) 1 Page - IXYS Corporation

  IX3120GS Datasheet HTML 1Page - IXYS Corporation IX3120GS Datasheet HTML 2Page - IXYS Corporation IX3120GS Datasheet HTML 3Page - IXYS Corporation IX3120GS Datasheet HTML 4Page - IXYS Corporation IX3120GS Datasheet HTML 5Page - IXYS Corporation IX3120GS Datasheet HTML 6Page - IXYS Corporation IX3120GS Datasheet HTML 7Page - IXYS Corporation IX3120GS Datasheet HTML 8Page - IXYS Corporation IX3120GS Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
INTEGRATED CIRCUITS DIVISION
DS-IX3120-R04
www.ixysic.com
1
Features
• 2.5A Maximum Peak Output Current
• 25kV/µs Minimum Common Mode Rejection (CMR)
at 1500VCM
• Wide Operating Voltage Range: 15V to 30V
• Under Voltage Lockout with Hysteresis
• 3750V
rms Input to Output Isolation
• Wide Temperature Range: -40°C to +100°C
Applications
• Isolated IGBT/MOSFET Gate Drive
• Switch Mode Power Supplies
• Industrial Inverters
• Motor Drivers
Description
The IX3120 gate driver includes an input infrared LED
that is optically coupled to a power output stage. The
power output stage is capable of sourcing or sinking
2A of peak current, which is ideal for driving IGBTs
and MOSFETs in the mid-power range.
The gate driver optocoupler with its low input LED
current, high output peak current, and high noise
immunity (25kV/
s) is ideally suited for use in motor
control and inverter applications.
The IX3120 is provided in an 8-pin DIP package and
an 8-pin surface mount package.
Approvals
• UL Recognized Component: File E76270
• IEC/EN/DIN EN 60747-5-5 (“GE” Versions)
Ordering Information
Figure 1. IX3120 Block Diagram
Part
Description
IX3120G
8-Pin DIP Package (50/Tube)
IX3120GS
8-Pin Surface Mount (50/Tube)
IX3120GSTR
8-Pin Surface Mount Tape & Reel (1000/Reel)
IX3120GE
8-Pin DIP Package (50/Tube), IEC 60747-5-5 Option
IX3120GES
8-Pin Surface Mount (50/Tube), IEC 60747-5-5 Option
IX3120GESTR
8-Pin Surface Mount Tape & Reel (1000/Reel), IEC 60747-5-5 Option
Note: A 0.1
μF bypass capacitor must
be connected between pins 5 and 8.
TRUTH TABLE
LED
OFF
ON
ON
ON
V
CC-VEE
Positive Going
(i.e. Turn-On)
V
CC-VEE
Negative Going
(i.e. Turn-Off)
V
O
TRANSITION
HIGH
LOW
LOW
0V - 30V
0V - 30V
0V - 11V
0V - 9.5V
11V - 13.5V
9.5V - 12V
13.5V - 30V
12V - 30V
ANODE
CATHODE
V
CC
V
O
V
EE
N/C
N/C
V
O
2
3
1
4
7
6
8
5
IX3120
2.5A Output Current Gate Driver
Optocoupler


Similar Part No. - IX3120GS

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
IX3120GS CLARE-IX3120GS Datasheet
1Mb / 11P
2.5A Output Current Gate Driver Optocoupler
IX3120GSTR CLARE-IX3120GSTR Datasheet
1Mb / 11P
2.5A Output Current Gate Driver Optocoupler
More results

Similar Description - IX3120GS

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
MIC4421A MIC-MIC4421A_11 Datasheet
399Kb / 13P
High peak-output current: 9A Peak (typ.)
logo
Advanced Monolithic Sys...
AMS1073 AMS-AMS1073 Datasheet
498Kb / 6P
1.2A Peak Output Current
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-315J-500E AVAGO-HCPL-315J-500E Datasheet
242Kb / 21P
0.6A maximum peak output current 0.5 A minimum peak output current
logo
IXYS Corporation
IX3180 IXYS-IX3180 Datasheet
254Kb / 11P
2.5A Maximum Peak Output Current
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-352J AVAGO-ACPL-352J Datasheet
1Mb / 26P
5.0 A maximum peak output current
ACPL-36JV-000E AVAGO-ACPL-36JV-000E Datasheet
623Kb / 33P
2.5 A maximum peak output current
ACPL-38JT AVAGO-ACPL-38JT Datasheet
561Kb / 33P
2.5 A maximum peak output current
logo
Broadcom Corporation.
ACPL-335J BOARDCOM-ACPL-335J Datasheet
1Mb / 20P
Peak output current: 2.5 A maximum
ACPL-P345 BOARDCOM-ACPL-P345 Datasheet
1Mb / 17P
1.0A maximum peak output current
ACPL-P340 BOARDCOM-ACPL-P340 Datasheet
777Kb / 19P
1.0A maximum peak output current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com