Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IX3120GS Datasheet(PDF) 5 Page - IXYS Corporation

Part # IX3120GS
Description  2.5A Maximum Peak Output Current
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IX3120GS Datasheet(HTML) 5 Page - IXYS Corporation

  IX3120GS Datasheet HTML 1Page - IXYS Corporation IX3120GS Datasheet HTML 2Page - IXYS Corporation IX3120GS Datasheet HTML 3Page - IXYS Corporation IX3120GS Datasheet HTML 4Page - IXYS Corporation IX3120GS Datasheet HTML 5Page - IXYS Corporation IX3120GS Datasheet HTML 6Page - IXYS Corporation IX3120GS Datasheet HTML 7Page - IXYS Corporation IX3120GS Datasheet HTML 8Page - IXYS Corporation IX3120GS Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
INTEGRATED CIRCUITS DIVISION
IX3120
R04
www.ixysic.com
5
1.6 Switching Characteristics (AC)
Over recommended operating conditions, unless otherwise specified.
1 The difference between t
PHL and tPLH of any two IX3120 devices operating under the same conditions and temperature.
Figure 2. Timing Waveforms
Parameter
Conditions
Symbol
Min
Typ
Max
Units
Propagation Delay Time
to High Output Level
RG=10, CG=10nF
f=10kHz, Duty Cycle=50%
tPLH
0.1
0.3
0.5
s
Propagation Delay Time
to Low Output Level
tPHL
0.1
0.3
0.5
Pulse Width Distortion
PWD
|tPHL-tPLH|
--
0.3
Propagation Delay Difference
Between any Two Parts1
PDD
(tPHL-tPLH)
-0.35
-
0.35
Rise Time
tr
-0.1
-
Fall Time
tf
-0.1
-
UVLO Turn-On Delay
VO>5V, IF=10mA
tUVLO(on)
-0.8
-
s
UVLO Turn-Off Delay
VO<5V, IF=10mA
tUVLO(off)
-0.6
-
Output High Level
Common Mode Transient Immunity
IF=10 to 16mA, VCM=1500V,
VCC=30V, TA=25°C
|CMH|
25
35
-
kV/
s
Output Low Level
Common Mode Transient Immunity
VF=0V, VCM=1500V, VCC=30V,
TA=25°C
|CML|
25
35
-
I
F
V
OUT
t
PLH
t
PHL
90%
50%
10%
t
r
t
f



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com