Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5200 Datasheet (PDF) - Microchip Technology

MIC5200 Datasheet PDF - Microchip Technology
Part # MIC5200
Download  MIC5200 Download
File Size   320.39 Kbytes
Page   24 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 100 mA Low-Dropout Regulator

MIC5200 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC5200 Datasheet PDF - Microchip Technology

Part # MIC5200
Download  MIC5200 Click to download

File Size   320.39 Kbytes
Page   24 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 100 mA Low-Dropout Regulator

MIC5200 Datasheet (HTML) - Microchip Technology


MIC5200 Product details

General Description
The MIC5200 is an efficient linear voltage regulator with very low dropout voltage (typically 17 mV at light loads and 200 mV at 100 mA), and very low ground current (1 mA at 100 mA output), offering better than 1% initial accuracy with a logic-compatible ON/OFF switching input. Designed especially for hand-held battery-powered devices, the MIC5200 is switched by a CMOS- or TTL-compatible logic signal. The ENABLE control may be tied directly to VIN if unneeded. When disabled, power consumption drops nearly to zero. The ground current of the MIC5200 increases only slightly in dropout, further prolonging battery life. Key MIC5200 features include protection against reversed battery, current limiting, and overtemperature shutdown.
The MIC5200 is available in several fixed voltages and accuracy configurations. Other options are available; contact Microchip for details.

Features
• High Output Voltage Accuracy
• Variety of Output Voltages
• Guaranteed 100 mA Output
• Low Quiescent Current
• Low Dropout Voltage
• Extremely Tight Load and Line Regulation
• Very Low Temperature Coefficient
• Current and Thermal Limiting
• Zero OFF Mode Current
• Logic-Controlled Electronic Shutdown
• Available in 8-Lead SOIC, MM8 8-Lead MSOP, and SOT-223 Packages

Applications
• Cellular Telephones
• Laptop, Notebook, and Palmtop Computers
• Battery-Powered Equipment
• PCMCIA VCC and VPP Regulation/Switching
• Barcode Scanners
• SMPS Post-Regulator/DC-to-DC Modules
• High Efficiency Linear Power Supplies




Similar Part No. - MIC5200

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5200 MICREL-MIC5200 Datasheet
87Kb / 6P
100mA Low-Dropout Voltage Regulator Preliminary Information
MIC5200-3.0BM MICREL-MIC5200-3.0BM Datasheet
87Kb / 6P
100mA Low-Dropout Voltage Regulator Preliminary Information
MIC5200-3.0BM MICREL-MIC5200-3.0BM Datasheet
179Kb / 10P
100mA Low-Dropout Regulator
MIC5200-3.0BS MICREL-MIC5200-3.0BS Datasheet
87Kb / 6P
100mA Low-Dropout Voltage Regulator Preliminary Information
MIC5200-3.0BS MICREL-MIC5200-3.0BS Datasheet
179Kb / 10P
100mA Low-Dropout Regulator
More results


Similar Description - MIC5200

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2981 NSC-LP2981 Datasheet
406Kb / 16P
Micropower 100 mA Ultra Low-Dropout Regulator
logo
Unisonic Technologies
UTCLP2950 UTC-UTCLP2950 Datasheet
159Kb / 7P
100 mA LOW-DROPOUT VOLTAGE REGULATOR
logo
List of Unclassifed Man...
AMC2951 ETC-AMC2951 Datasheet
226Kb / 8P
100 MA LOW DROPOUT VOLTAGE REGULATOR
logo
Unisonic Technologies
LP2950 UTC-LP2950_05 Datasheet
95Kb / 7P
100 mA LOW-DROPOUT VOLTAGE REGULATOR
LP2950 UTC-LP2950_09 Datasheet
294Kb / 7P
100 mA LOW-DROPOUT VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
LP2950-2951 ETL-LP2950-2951 Datasheet
294Kb / 7P
100 mA LOW-DROPOUT VOLTAGE REGULATOR
logo
Analog Devices
ADP3307 AD-ADP3307_15 Datasheet
1Mb / 8P
100 mA Low Dropout Linear Regulator
REV. A
logo
SHANGHAI BELLING CO., L...
BL2950 BELLING-BL2950 Datasheet
711Kb / 9P
100 mA Low-Dropout Voltage Regulator
logo
Microchip Technology
MIC5202 MICROCHIP-MIC5202 Datasheet
535Kb / 22P
Dual 100 mA Low-Dropout Regulator
06/23/16
LP2951 MICROCHIP-LP2951 Datasheet
2Mb / 30P
100 mA Low-Dropout Voltage Regulator
09/14/21
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com