Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5200 Datasheet(PDF) 7 Page - Microchip Technology

Part # MIC5200
Description  100 mA Low-Dropout Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC5200 Datasheet(HTML) 7 Page - Microchip Technology

Back Button MIC5200 Datasheet HTML 3Page - Microchip Technology MIC5200 Datasheet HTML 4Page - Microchip Technology MIC5200 Datasheet HTML 5Page - Microchip Technology MIC5200 Datasheet HTML 6Page - Microchip Technology MIC5200 Datasheet HTML 7Page - Microchip Technology MIC5200 Datasheet HTML 8Page - Microchip Technology MIC5200 Datasheet HTML 9Page - Microchip Technology MIC5200 Datasheet HTML 10Page - Microchip Technology MIC5200 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
 2016 Microchip Technology Inc.
DS20005578A-page 7
MIC5200
FIGURE 2-7:
Ground Current vs.
Temperature.
FIGURE 2-8:
Ground Current vs.
Temperature.
FIGURE 2-9:
Thermal Regulation (3.3V
Version).
FIGURE 2-10:
Output Voltage vs.
Temperature (3.3V Version).
FIGURE 2-11:
Output Current vs.
Temperature.
FIGURE 2-12:
Minimum Input Voltage vs.
Temperature.
0.15
0.20
0.25
0.30
-60 -30
0
30 60 90 120 150
TEMPERATURE (°C)
I
LOAD = 100μA
C
IN = 2.2μF
C
OUT = 4.7μF
1.0
1.1
1.2
1.3
1.4
1.5
-50
0
50
100
150
TEMPERATURE (°C)
I
LOAD = 100mA
C
IN = 2.2μF
C
OUT = 4.7μF
-100
0
100
200
-5
0
5 10 15 20 25 30 35
TIME (ms)
-50
0
50
100
C
L = 4.7 μF
3.0
3.1
3.2
3.3
3.4
3.5
3.6
-60 -30
0
30 60 90 120 150
TEMPERATURE (°C)
C
IN = 2.2μF
C
OUT = 4.7μF
3 DEVICES:
HI / AVG / LO
CURVES APPLICABLE
AT 100μA AND 100mA
100
120
140
160
180
200
220
240
260
280
300
-60 -30
0
30 60 90 120 150
TEMPERATURE (°C)
V
OUT = 0V
(SHORT CIRCUIT)
V
OUT = 3.3V
3.20
3.21
3.22
3.23
3.24
3.25
3.26
3.27
3.28
3.29
3.30
-60 -30
0
30 60 90 120 150
TEMPERATURE (°C)
C
IN = 2.2μF
C
OUT = 4.7μF
I
LOAD = 1mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com