Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5200 Datasheet(PDF) 13 Page - Microchip Technology

Part # MIC5200
Description  100 mA Low-Dropout Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC5200 Datasheet(HTML) 13 Page - Microchip Technology

Back Button MIC5200 Datasheet HTML 9Page - Microchip Technology MIC5200 Datasheet HTML 10Page - Microchip Technology MIC5200 Datasheet HTML 11Page - Microchip Technology MIC5200 Datasheet HTML 12Page - Microchip Technology MIC5200 Datasheet HTML 13Page - Microchip Technology MIC5200 Datasheet HTML 14Page - Microchip Technology MIC5200 Datasheet HTML 15Page - Microchip Technology MIC5200 Datasheet HTML 16Page - Microchip Technology MIC5200 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
 2016 Microchip Technology Inc.
DS20005578A-page 13
MIC5200
5.0
THERMAL CONSIDERATIONS
5.1
Layout
The MIC5200-x.xYM (8-pin surface mount package)
has the following thermal characteristics when
mounted on a single-layer copper-clad printed circuit
board.
Multi-layer boards having a ground plane, wide traces
near the pads, and large supply bus lines provide better
thermal conductivity.
The "worst case" value of 160 °C/W assumes no
ground plane, minimum trace widths, and a FR4
material board.
5.2
Nominal Power Dissipation and
Die Temperature
The MIC5200-x.xYM at a 25°C ambient temperature
will operate reliably at up to 625 mW power dissipation
when mounted in the "worst case" manner described
above. At an ambient temperature of 55°C, the device
may safely dissipate 440 mW. These power levels are
equivalent to a die temperature of 125°C, the
recommended maximum temperature for non-military
grade silicon integrated circuits.
For MIC5200-x.xYS (SOT-223 package) heat sink
characteristics, please refer to Application Hint 17,
“Calculating P.C. Board Heat Sink Area for Surface
Mount Packages”.
PC Board Dielectric
JA
FR4
160 °C/W
Ceramic
120 °C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com