Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5200 Datasheet(PDF) 9 Page - Microchip Technology

Part # MIC5200
Description  100 mA Low-Dropout Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC5200 Datasheet(HTML) 9 Page - Microchip Technology

Back Button MIC5200 Datasheet HTML 5Page - Microchip Technology MIC5200 Datasheet HTML 6Page - Microchip Technology MIC5200 Datasheet HTML 7Page - Microchip Technology MIC5200 Datasheet HTML 8Page - Microchip Technology MIC5200 Datasheet HTML 9Page - Microchip Technology MIC5200 Datasheet HTML 10Page - Microchip Technology MIC5200 Datasheet HTML 11Page - Microchip Technology MIC5200 Datasheet HTML 12Page - Microchip Technology MIC5200 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
 2016 Microchip Technology Inc.
DS20005578A-page 9
MIC5200
FIGURE 2-19:
Supply Current vs. Supply
Voltage (3.3V Version).
FIGURE 2-20:
Enable Transient (3.3V
Version).
FIGURE 2-21:
Enable Transient (3.3V
Version).
FIGURE 2-22:
Output Impedance.
FIGURE 2-23:
Enable Current Threshold
vs. Temperature.
FIGURE 2-24:
Enable Voltage Threshold
vs. Temperature.
0
10
20
30
40
50
60
01234567
SUPPLY VOLTAGE (V)
R
L = 66Ω
-1
0
1
2
3
4
5
-2
0
2
4
-50
0
50 100 150 200 250 300
TIME (μs)
C
L = 4.7 μF
I
L = 1mA
-1
0
1
2
3
4
5
-2
0
2
4
-50
0
50 100 150 200 250 300
TIME (μs)
C
L = 4.7 μF
I
L = 100mA
0.001
0.01
0.1
1
10
100
1000
FREQUENCY (Hz)
I
L = 100μA
I
L = 1mA
I
L = 100mA
-5
0
5
10
15
20
25
30
35
-60 -30
0
30 60 90 120 150
TEMPERATURE (°C)
C
IN = 2.2μF
C
OUT = 4.7μF
V
EN = 2V
V
EN = 5V
0.4
0.6
0.8
1
1.2
1.4
1.6
-60 -30
0
30 60 90 120 150
TEMPERATURE (°C)
C
IN = 2.2μF
C
OUT = 4.7μF
OFF
ON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com