Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5200 Datasheet(PDF) 3 Page - Microchip Technology

Part # MIC5200
Description  100 mA Low-Dropout Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC5200 Datasheet(HTML) 3 Page - Microchip Technology

  MIC5200 Datasheet HTML 1Page - Microchip Technology MIC5200 Datasheet HTML 2Page - Microchip Technology MIC5200 Datasheet HTML 3Page - Microchip Technology MIC5200 Datasheet HTML 4Page - Microchip Technology MIC5200 Datasheet HTML 5Page - Microchip Technology MIC5200 Datasheet HTML 6Page - Microchip Technology MIC5200 Datasheet HTML 7Page - Microchip Technology MIC5200 Datasheet HTML 8Page - Microchip Technology MIC5200 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
 2016 Microchip Technology Inc.
DS20005578A-page 3
MIC5200
TABLE 1-1:
ELECTRICAL CHARACTERISTICS
Electrical Characteristics:
Limits in standard typeface are for TJ = 25°C and limits in boldface apply over the
junction temperature range of –40°C to +125°C. Unless otherwise specified, VIN = VOUT + 1V, IL = 1 mA, CL = 3.3 μF,
and VENABLE = VDD. (Note 1).
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Output Voltage Accuracy
VO
–1
—
1
%
Variation from specified VOUT
–2
—
2
Output Voltage Temperature
Coefficient
∆VO/∆T—
40
150
ppm/°C
Note 2
Line Regulation
∆VO/VIN
—
0.004
0.10
%VIN = VOUT + 1V to 26V
——
0.40
Load Regulation
∆VO/VOUT
—
0.04
0.16
%IL = 0.1mA to 100mA (Note 3)
——
0.30
Dropout Voltage (Note 4)VIN – VO
—17—
mV
IL = 100 µA
—130
—
IL = 20 mA
—150
—
IL = 30 mA
—190
—
IL = 50 mA
—230
350
IL = 100 mA
Quiescent Current
IGND
—0.01
10
µA
VENABLE ≤ 0.7V (shutdown)
Ground Pin Current
IGND
—130
—
µA
VENABLE = VDD, IL = 100 µA
—270
350
IL = 20 mA
—330
—
IL = 30 mA
—500
—
IL = 50 mA
—
1000
1500
IL = 100 mA
Ripple Rejection
PSRR
—
70
—
dB
—
Ground Pin Current at Dropout
IGNDDO
—270
330
µA
VIN = 0.5V less than specified
VOUT, IL = 100 µA (Note 5)
Current Limit
ILIMIT
100
250
—mA
VOUT = 0V
Thermal Regulation
∆VO/∆PD
—0.05—
%/W
Note 6
Output Noise
en
—100
—
µV
—
Note 1:
Specification for packaged product only.
2:
Output voltage temperature coefficient is defined as the worst case voltage change divided by the total
temperature range.
3:
Regulation is measured at constant junction temperature using low duty cycle pulse testing. Parts are
tested for load regulation in the load range from 0.1 mA to 100 mA. Changes in output voltage due to
heating effects are covered by the thermal regulation specification.
4:
Dropout voltage is defined as the input to output differential at which the output voltage drops 2% below its
nominal value measured at 1V differential.
5:
Ground pin current is the regulator quiescent current plus pass transistor base current. The total current
drawn from the supply is the sum of the load current plus the ground pin current.
6:
Thermal regulation is defined as the change in output voltage at a time (t) after a change in power dissipa-
tion is applied, excluding load or line regulation effects. Specifications are for a 100 mA load pulse at VIN =
26V for t = 10 ms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com